Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS101 Datasheet(PDF) 2 Page - DFI Inc

Part # RPS101
Description  14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS101 Datasheet(HTML) 2 Page - DFI Inc

  RPS101 Datasheet HTML 1Page - DFI Inc RPS101 Datasheet HTML 2Page - DFI Inc RPS101 Datasheet HTML 3Page - DFI Inc RPS101 Datasheet HTML 4Page - DFI Inc RPS101 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.dfi.com
SATA 3.0 / PCIe 4.0 x4
USB 3.2 Gen2 / USB 2.0
USB 3.2 Gen2 / USB 2.0
MECHANICAL DRAWING
BLOCK DIAGRAM
Switch
Intel®
R680E/
Q670E/
H610E
Chipset
Channel A
eDP
USB 2.0
PCIe 3.0 x1
PCIe 3.0 x1
USB 3.2 Gen1 / USB 2.0
USB 2.0
M.2
M.2
H610E Only
R680E/Q670E Only
CNVi
DDI
DDI
USB3.2 Gen2 /
USB 2.0
DDI
HDA
Front Audio Header
(Line-out/Mic-in)
DDR5 5600MHz SODIMM
M.2 E key_CNVi
MUX
MUX
Nano SIM
SATA 2x
8-bit DIO
80 port BOX Header
M.2 B key
M.2 M key
TPM 2.0
NPCT760AABYX
eDP
HDMI 2.0
PI3HDX1204B1ZH
CC+DP Controller
IT8855
HDMI 2.0
USB Type-C
DP++ 1.2
Realtek
ALC888
Super IO
NCT5525D
with WDT
Fan Control
H/W Monitor
DMI 4.0
Intel DT
Raptor Lake-S
LGA 1700
Desktop ECC-ram
Channel B
DDR5 5600MHz SODIMM
USB 3.2 Gen2
USB 2.0
USB 3.2 Gen2 2x
PCIe x1
RJ45 / 2.5G LAN1
RJ45 / 2.5G LAN2
I226LM
I226V
USB 3.2 Gen2 1x
USB 3.2 Gen1 1x
USB 3.2 Gen2 2x
USB 2.0 2x
MDI
PCIe x1
I226V
MDI
PCIe 3.0 x1
SATA 3.0
SATA 3.0
SMBus
eSPI
SATA 3.0
SPI
SPI BIOS
DP : DDI
eDP
eDP
LVDS
PTN3460
MDI
PCIe Gen5 PCIe x16
RS232/422/485 2x
(w/o Power)
DDI
Internal DP
USB 3.2 Gen2 / USB 2.0
USB 3.2 Gen1 / USB 2.0
eSPI
1.60
170.00
USB 2.0
USB 2.0
USB 2.0 4x
USB 2.0 2x



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com