Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS330 Datasheet(PDF) 2 Page - DFI Inc

Part # RPS330
Description  14th/13th/12th Gen Intel® CoreTM microATX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS330 Datasheet(HTML) 2 Page - DFI Inc

  RPS330 Datasheet HTML 1Page - DFI Inc RPS330 Datasheet HTML 2Page - DFI Inc RPS330 Datasheet HTML 3Page - DFI Inc RPS330 Datasheet HTML 4Page - DFI Inc RPS330 Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.dfi.com
Intel®
Q670E/
H610E
Chipset
Desktop
SMBus
DDI
DDI
HDA
eSPI
eSPI
S/PDIF
Front Audio
Audio Jack
(Line-out/Mic-in/Line-in (opt.))
2.5GLAN 2 / GLAN 2
GLAN 2
USB 3.2 Gen2 2x
SMBus & I2C
SPI BIOS
TPM 2.0
NPCT760AABYX
VGA
HDMI
Realtek
ALC888
Super IO
with WDT
Fan Control
H/W Monitor
Case Open
x8 DMI 4.0
GEN3
GEN3
GEN3
OR
OR
*BOM option INT USB 2.0 port 14 for H610E.
*BOM option INT USB 2.0 port 5/6 x2 for H610E.
Raptor
Lake-S
LGA 1700
Desktop
ECC-ram
2.5GLAN 1
USB 3.2 Gen2 2x
I226-V
MDI
SPI
NTS0104
EXT-OOB
Channel B
IT6516BFN
IC ReDriver
HDMI 2.0
PI3HDX1204
USB 2.0
USB 3.2 Gen2/Gen1
PCIe x1
USB 2.0 2x
PS/2 KB/MS
COM1(RS232/422/485)
w/Power DB9
COM3~6(RS232)
w/o Power HEADER
EXT-OOB
I2C connector
COM2(RS232/422/485)
w/o Power HEADER
4 IN 8 OUT
DIO HEADER
PCIe 4.0 x16
GEN5
PCIe x16 Slot
ASM1085
PCIe to PCI x2
MUX
PI3DBS16212
M.2 E Key
USB 3.2 Gen1 2x
USB 2.0 4x
USB 2.0 2x co-lay Type A
MUX
Select by BIOS
SATA 4x
(RAID 0,1,5,10)
USB 2.0 Type A
PCIe x1
PCIe x2
PCIe x1/CNVi
USB 3.2
USB 2.0
PCIe x4
SATA 3.0
USB 2.0
SATA 3.0
USB 2.0
USB 2.0
DDI
DP++
I226-LM co-lay
I219-LM
VPRO
I219-V
MDI
MDI
USB 2.0
USB 2.0
USB 3.2 Gen2/Gen1
PCIe x1
PCIe x1
MECHANICAL DRAWING
243.84
BLOCK DIAGRAM
M.2 M key (PCIe x2)
M.2 M key (PCIe x4)
M.2 M key (SATA)
PCIe x4
MUX SATA 3 (R7)
DDR5 5600 MHz
Support ECC/non-ECC
DDR5 5600 MHz
Support ECC/non-ECC
DDR5 5600 MHz
Support ECC/non-ECC
DDR5 5600 MHz
Support ECC/non-ECC
Channel A
80 port Header
H610E Only
Q670E Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com