Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS103-R680E Datasheet(PDF) 5 Page - DFI Inc

Part # RPS103-R680E
Description  14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS103-R680E Datasheet(HTML) 5 Page - DFI Inc

  RPS103-R680E Datasheet HTML 1Page - DFI Inc RPS103-R680E Datasheet HTML 2Page - DFI Inc RPS103-R680E Datasheet HTML 3Page - DFI Inc RPS103-R680E Datasheet HTML 4Page - DFI Inc RPS103-R680E Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.dfi.com
ORDERING INFORMATION
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 26, 2024 DFI Inc.
PACKING LIST
• 1 RPS101/RPS103 motherboard
• 1 Serial ATA data & power cable (Length: 300mm)
A81-002144-018G
• 1 COM port cable (Length: 250mm, 1 x COM port)
A81-015011-001G
• 1 I/O shield
- w/ icon (2LAN/5USB)
A49-RPS101-000G
Model Name
RPS101/RPS103-R680E
RPS101/RPS103-Q670E
RPS101/RPS103-H610E
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Linux
Linux
Linux
Linux
ENVIRONMENT
Temperature Operating: -5 to 65°C
Storage: -40 to 85°C
Operating: -5 to 65°C
Storage: -40 to 85°C
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
TBD
TBD
MECHANISM
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
Top Side: 19mm
Bottom Side: 4.5mm
Top Side: 19mm
Bottom Side: 4.5mm
Top Side: 19mm
Bottom Side: 4.5mm
CERTIFICATION Certification CE, FCC Class B, RoHS
CE, FCC Class B, RoHS
CE, FCC Class B, RoHS
SPECIFICATION
Model Name
P/N
Memory
Rear I/O
Internal I/O
TPM 2.0
Power
Operating
Temp.
Display
2.5
GbE
USB
M.2
RS-232/
422/485 SATA
USB
RPS101-R680E 770-RPS1011-000G
2 DDR5
DP/HDMI/
Type C
2
5 USB 3.2,
1 USB Type C
M.2 M/B/E Key
2
2
4 USB 2.0
dTPM
12VDC
-5 to 65°C
RPS101-Q670E 770-RPS1011-100G
DP/HDMI/
Type C
5 USB 3.2,
1 USB Type C
4 USB 2.0
12VDC
RPS101-H610E 770-RPS1011-200G
DP/HDMI
3 USB 3.2,
2 USB 2.0
2 USB 2.0
12VDC
RPS103-R680E 770-RPS1031-000G
DP/HDMI/
Type C
5 USB 3.2,
1 USB Type C
4 USB 2.0
12~28VDC
RPS103-Q670E 770-RPS1031-100G
DP/HDMI/
Type C
5 USB 3.2,
1 USB Type C
4 USB 2.0
12~28VDC
RPS103-H610E 770-RPS1031-200G
DP/HDMI
3 USB 3.2,
2 USB 2.0
2 USB 2.0
12~28VDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com