Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPS3101-000G Datasheet(PDF) 5 Page - DFI Inc

Part # 770-RPS3101-000G
Description  14th/13th/12th Gen Intel® CoreTM microATX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPS3101-000G Datasheet(HTML) 5 Page - DFI Inc

  770-RPS3101-000G Datasheet HTML 1Page - DFI Inc 770-RPS3101-000G Datasheet HTML 2Page - DFI Inc 770-RPS3101-000G Datasheet HTML 3Page - DFI Inc 770-RPS3101-000G Datasheet HTML 4Page - DFI Inc 770-RPS3101-000G Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
• 1 RPS310-R680E/Q670E motherboard
• 1 COM port cable (Length: 300mm, 2 x COM ports) A81-015026-023G
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• 1 I/O shield
A49-RPS310-000G
• USB 2.0 port cable (Length: 350/398mm)
A81-001066-016G
• USB 3.2 Gen2 port cable (Length: 350mm)
A81-001075-017G
• COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
• Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
• Serial ATA data cable (Length: 500mm, W/LOCK, 90D) A81-002128-017G
• Thermal solution (For 35W, Height: 29.39mm)
A71-101136-000G
• Thermal solution (For 65W, Height: 46mm)
A71-101137-000G
• Thermal solution (For 95W/125W, Height: 110mm)
A71-101145-000G
• DP to HDMI Dongle
612-D2H13M-000G
• M.2-COM4 (M.2 serial port module)
770-M2COM1-000G
• M.2-2LAN (M.2 LAN port module)
770-M22LN1-000G
• M.2-2PSE (M.2 PSE module)
770-M22PS1-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 28, 2024 DFI Inc.
ORDERING INFORMATION
Model Name
P/N
Memory 2.5 GbE RS-232/422/485 USB 3.2
Gen2
USB 3.2
Gen1
USB 2.0 TPM 2.0
Power
Temp.
RPS310-Q670E
770-RPS3101-000G
4 UDIMM
2
2
4
6
3
dTPM
24-pin ATX/8-pin ATX 12V -5 to 65°C
RPS310-R680E
770-RPS3101-100G
4
dTPM
RPS310-Q670E
770-RPS3101-200G
2
fTPM
RPS310-R680E
770-RPS3101-300G
4
fTPM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com