Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS9HC-R680E Datasheet(PDF) 2 Page - DFI Inc

Part # RPS9HC-R680E
Description  14th/13th Gen Intel® Core™ COM HPC® Client Size C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS9HC-R680E Datasheet(HTML) 2 Page - DFI Inc

  RPS9HC-R680E Datasheet HTML 1Page - DFI Inc RPS9HC-R680E Datasheet HTML 2Page - DFI Inc RPS9HC-R680E Datasheet HTML 3Page - DFI Inc RPS9HC-R680E Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
HSIO P14-16
PCIE_LANE [4:7]
Channel A
HSIO P13
Intel
I226
MDI
PCIE x1
NBASET0
HSIO P17
Intel
I226
PCIe x1
MDI
NBASET1
PCIE x4
HSIO P10-11
HSIO P22-25
PCIE_LANE [0:1]
2* PCIE x1
x8 DMI 4.0
PCIe Gen3
PCIe Gen3
PCIE_LANE [12:15]
PCIE x4
PCIe Gen4
PCIe Gen4
PCIe Gen5
HSIO P30-33
PCIE_LANE [8:11]
PCIE x4
eDP Port
DDI_A
DDI Port 1
DDI_C
DDI Port 0
DDI_B
HSIO P26-27
SATA 0/1
SATA 3.0 x2
HDA SNDW
HDA SNDW0/1
HDA
ESPI
ESPI
eSPI
GSPI
SMBUS_RESUME
I2C0
GSPI 0/1
GSPI
SPI BUS
SPI
SPI
TPM 2.0
(Option)
SPI Flash BIOS
(256M bit)
USB 3.2 Gen2 x2
USB 2.0 x1
USB1_SS P0-P1
HSIO P6-7
USB 3.2 Gen2 x2
USB 2.0 x1
2 Ports USB 3.2 Gen2 x1
USB 2.0 x2
USB0_SS P0-P1
USB 2.0 x2
USB6/USB7
HSIO P0-1
Embedded
Controller
IT8528VG-I
I2C1 1.8V
I2C4
Serial Port 1,2
12bits DIO
I2C BUS
SLP/LID
I2C_SMB
SMBUS (OPTION)
(OPTION)
SMBUS
WDT
Fan PWM/TACH_IN
DDR5 3600 MHz
DDR5 3600 MHz
Channel B
DDI Port 2
DDI_D
PCIE_LANE [16:31]
PCIe x16
PCIe Gen4
PCIE_LANE [32:35]
PCIe x4
HSIO P18-21
PCIe Gen3
PCIE_LANE [36:39]
PCIe x4
HSIO P34-37
PCIe Gen4
PCIE_LANE [40:43]
PCIe x4
HSIO P2-3
USB2_SS P0-P1
2 Ports USB 3.2 Gen2 x1
USB 2.0 x2
HSIO P4-5
USB3_SS P0-P1
Intel Raptor-Lake
CPU
Intel ADL-S
PCH
Q670E
LGA 1700
65W
SO-DIMM 2DPC
CMOS Backup
EEPROM
I2C0
USB_PD_I2C
SMBUS
GPIO [0:11]
UART0/1
120.00
0.00
6.00
114.00
116.00
106.00
101.13
77.13
33.19
98.15
54.85
55.30
0.00
110.00
10.00
120.00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com