Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPP1711-200G Datasheet(PDF) 2 Page - DFI Inc

Part # 770-RPP1711-200G
Description  13th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPP1711-200G Datasheet(HTML) 2 Page - DFI Inc

  770-RPP1711-200G Datasheet HTML 1Page - DFI Inc 770-RPP1711-200G Datasheet HTML 2Page - DFI Inc 770-RPP1711-200G Datasheet HTML 3Page - DFI Inc 770-RPP1711-200G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Intel ULT SOC
Raptor lake -U
Channel A
DDR5 5200MHz SODIMM
Channel B
DDR5 5200MHz SODIMM
RJ45 2.5G
(LAN1)
DC IN JACK
RPP171: 12V
RPP173: 9V~36V
HDMI / DP
HDMI / DP
SATA 3.0 2x
DIO Header
(1x 8 Header)
USB 2.0
Pin Header (USB2x2)
RJ45 2.5G
(LAN2)
RJ45 2.5G vPro
Vertical/Right angle
(LAN3)
USB-C
Connector
USB 3.2 TypeA
Dual Stacked
Connector
USB 3.2 TypeA
Dual Stacked
Connector
HDA
Front Audio
(Line-out/Mic-in)
HDA Codec
Realtek ALC888
RS232/422/485 2x
RS232 W/power 1x
RS232 Co-lay DIO 1x
System Fan
CPU Fan
Super IO
with WDT
Fan Control
Case Open
H/W Monitor
eSPI
SPI Bus
SMBus
USB 2.0
(USB x2)
(USB x1)
SPI Bus
TCA6408A (8-bit)
USB2.0 Hub
USB2514Bi
SPI ROM
W25R256JVEIQ
SMBus Header
USB 2.0
DDI
PCIe Gen3
PCIe Gen3
PCIe Gen4 (1x4)
PCIe Gen4 (1x4)
USB 2.0
TCP (USB3.2 Gen2)
CNVi
USB 2.0
USB 2.0
Pin Header (USB2x2)
M.2 A Key
3042
M.2 E Key
2230
M.2 B Key
2242/3042/3052
M.2 M Key
2242/2280
PCIe x4
2.5GLAN
I226-V/IT
On-Board
Power Supplies
2.5GLAN
I226-V/IT
2.5GLAN
I226-LM/IT
PD Controller
IT8851
PCIe 3.0
PCIe 3.0
PCIe 3.0
SMBus
MDI
Power
Input
TCP
TCP
SATA 3.0
MDI
MDI
CC
USB 3.2
USB 3.2
USB 2.0
USB 2.0
USB 2.0
TCP
0
165.79
161.5
160.3
157.49
159.44
44.05
0
4.58
4.90
6.30
14.60
16.45
18.30
42.20
58
69.60
78.83
86.19
109
109.20
112.76
120.98
136.98
147.20
159.84
170
51.10
140.30
54.2
Case open
1x2Pin Header
TPM 2.0
NPCT750



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com