Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPS1011-100G Datasheet(PDF) 1 Page - DFI Inc

Part # 770-RPS1011-100G
Description  14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPS1011-100G Datasheet(HTML) 1 Page - DFI Inc

  770-RPS1011-100G Datasheet HTML 1Page - DFI Inc 770-RPS1011-100G Datasheet HTML 2Page - DFI Inc 770-RPS1011-100G Datasheet HTML 3Page - DFI Inc 770-RPS1011-100G Datasheet HTML 4Page - DFI Inc 770-RPS1011-100G Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RPS101/RPS103-R680E
RPS101/RPS103-Q670E
RPS101/RPS103-H610E
14th/13th/12th Gen Intel® CoreTM
Thin Mini-ITX
DDR5
4K High
Resolution
Quad
Displays
Multiple
Expansion
Rich I/O
2 DDR5 5600MHz
SODIMM up to 64GB
Supports up to 4K
resolution
1 DP++, 1 HDMI,
1 USB Type C, 1 LVDS/eDP,
1 DFI display extension port
(DP/HDMI/VGA available)
1 PCIe x16,
1 M.2 E Key,
1 M.2 M Key,
1 M.2 B Key
2 Intel 2.5GbE , 2 COM,
6 USB 3.2 Gen2,
4 USB 2.0, 2 SATA 3.0
KEY FEATURES
R680E/Q670E
H610E
Top View
Bottom View
Intel® R680E/Q670E/H610E
Chipset
Nano SIM slot
HDMI 2.0
HDMI 2.0
eDP
M.2 2280 M Key
DP++
DP++
USB 3.2 Gen2
USB 3.2
Gen2
USB 2.0
USB 3.2
Gen1
COM1/2
Battery CONN
Front Audio
DDI CONN
PCIe x16 (Gen5)
M.2 2242/3042/3052 B Key
M.2 2230 E Key
USB 2.0
Intel® 14/13/12th Gen Core™
i9/i7/i5/i3
CPU Fan
12/12-28V
DC-in
12/12-28V
DC-in
2.5G
LAN1/2
2.5G
LAN1/2
USB Type-C
1
1
2
2
SATA 3.0
System Fan
Front Panel
LCD Inverter
LVDS
DDR5 SODIMM
SPI
SATA Power
DIO
eSPI


Similar Part No. - 770-RPS1011-100G

ManufacturerPart #DatasheetDescription
logo
DFI Inc
770-RPS1001-000G DFI-770-RPS1001-000G Datasheet
1Mb / 4P
14th/13th/12th Gen Intel® CoreTM Mini-ITX
770-RPS1001-100G DFI-770-RPS1001-100G Datasheet
1Mb / 4P
14th/13th/12th Gen Intel® CoreTM Mini-ITX
770-RPS1001-200G DFI-770-RPS1001-200G Datasheet
1Mb / 4P
14th/13th/12th Gen Intel® CoreTM Mini-ITX
More results

Similar Description - 770-RPS1011-100G

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
AAEON Technology
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com