Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPP0511-400G Datasheet(PDF) 1 Page - DFI Inc

Part # 770-RPP0511-400G
Description  13th Gen Intel® Core™ Processor 2.5" Pico-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPP0511-400G Datasheet(HTML) 1 Page - DFI Inc

  770-RPP0511-400G Datasheet HTML 1Page - DFI Inc 770-RPP0511-400G Datasheet HTML 2Page - DFI Inc 770-RPP0511-400G Datasheet HTML 3Page - DFI Inc 770-RPP0511-400G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
13th Gen Intel® Core™ Processor
2.5" Pico-ITX
KEY FEATURES
DDR5
4K High
Resolution
Dual Independent
Displays
Multiple
Expansion
Rich I/O
1 DDR5 4800MHz
SODIMM up to 32GB
Supports 4K/2K resolu-
tion
DP++ + eDP
1 M.2 E key,
2 M.2 B key
1 Intel 2.5G LAN,
1 COM, 2 USB 3.1 Gen 2,
2 USB 2.0
RPP051
ULT
Bottom View
Top View
USB 3.2
Gen2
2.5G LAN
DP++
13th Gen Intel® Core™
Processor
DDR5 SO-DIMM
Nano SIM Slot
COM
M.2 E Key
M.2 B Key (PCIe x1/
USB 3.2 Gen1/SATA 3.0)
eDP
Front Audio
SMBus
M.2 B Key (PCIe x2/
USB 2.0/SATA 3.0)
SPI
DIO
USB 2.0
DC-IN
Front Panel


Similar Part No. - 770-RPP0511-400G

ManufacturerPart #DatasheetDescription
logo
DFI Inc
770-RPP1711-000G DFI-770-RPP1711-000G Datasheet
954Kb / 4P
13th Gen Intel® CoreTM Mini-ITX
770-RPP1711-100G DFI-770-RPP1711-100G Datasheet
954Kb / 4P
13th Gen Intel® CoreTM Mini-ITX
770-RPP1711-200G DFI-770-RPP1711-200G Datasheet
954Kb / 4P
13th Gen Intel® CoreTM Mini-ITX
770-RPP1711-300G DFI-770-RPP1711-300G Datasheet
954Kb / 4P
13th Gen Intel® CoreTM Mini-ITX
770-RPP1731-000G DFI-770-RPP1731-000G Datasheet
954Kb / 4P
13th Gen Intel® CoreTM Mini-ITX
More results

Similar Description - 770-RPP0511-400G

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO512 AXIOMTEK-PICO512 Datasheet
376Kb / 1P
Pico-ITX SBC with 7th Gen Intel Core i7/i5/i3 & Celeron Processor
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL051 DFI-AL051 Datasheet
693Kb / 2P
Intel Atom 2.5 Pico-ITX
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
MIO-2375 ADVANTECH-MIO-2375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC
16-Jun-2022
logo
AAEON Technology
MIX-KLUD1 AAEON-MIX-KLUD1 Datasheet
578Kb / 2P
Mini-ITX, 14nm, FCBGA1356 7th Gen Intel® Core™ processor family, 15~25W TDP
logo
BCM Advanced Research.
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com