Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPP9681-400G Datasheet(PDF) 2 Page - DFI Inc

Part # 770-RPP9681-400G
Description  13th Gen Intel® Processor COM Express® Compact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPP9681-400G Datasheet(HTML) 2 Page - DFI Inc

  770-RPP9681-400G Datasheet HTML 1Page - DFI Inc 770-RPP9681-400G Datasheet HTML 2Page - DFI Inc 770-RPP9681-400G Datasheet HTML 3Page - DFI Inc 770-RPP9681-400G Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
51.40
42.91
34.42
4.00
0.00
91.00
87.91
95.00
(Option)
DDI A
DDI B
HSIO Lane 4-7
PCIe_LANE 0~3
PTN3460
LVDS/48bit
eDP
Channel A
eDP
CH7517A
VGA
LVDS
eDP
VGA
(Option)
HSIO Lane 9
GLAN
I226IT/LM
MDI
PCIE 3.0 Lane 10
GLAN1
PCIE 3.0 Lane 5-8
HSIO Lane 8
PCIe_LANE 4
PCIe_LANE 5
PCIE 3.0 Lane 9
HSIO Lane 10-11
SATA 0/1
SATA 3.0_Port 0/1
USB2.0 Port 1-8
USB P0~7
USB2.0_Port 1-8
HDA
HDA
HDA
SPI BUS
SPI
SPI
TPM 2.0
(Option)
SPI Flash BIOS
(256M bit)
eSPI to LPC
F85227N
eSPI BUS
eSPI
LPC BUS
LPC
Embedded
Controller
IT8528VG-I
Serial Port 1/2
GPIO 8bit
Serial Port 1,2
SLP/LID
I2C_SMB
PCIE 3.0 Lane 11/12
SMBUS
SMBUS
8bit DIO
WDT
Fan PWM/TACH_IN
IMVP9.1
SO-DIMM 262PIN
DDR5-5200
NON-ECC
Channel B
SO-DIMM 262PIN
DDR5-5200
NON-ECC
PCIE x4
NVME
SSD (Option)
(Option)
PCIe_LANE 6
PCIe_LANE 7
DDI/USB4_P1
TCP0
DDI_P1/USB4_1
DDI/USB4_P2
TCP1
DDI_P2/USB4_2
DDI Port 3
TCP2
DDI_P3
USBSS P0~3
HSIO Lane 0-3
USB3.2 Gen2 P1-4
PEG_LANE 0-3
CPU_PCIE Gen4 PortA 0-3
PCIE Gen4
PCIE4A_L0~L3 PCIE 4x only
PEG_LANE 8-15
CPU_PCIE Gen5 Port 0-7
(H Line only)
PCIE Gen5
PCIE5_L0~L7 PCIE 8x
PEG_LANE 4-7
CPU_PCIE Gen4 PortB 0-3
PCIE Gen4
PCIE4B_L0~L3 PCIE 4x only
(Option)
Intel Raptor Lake-P(H/P/U)SOC
TDP 45W/28W/15W
CMOS Backup
EEPROM
I2C BUS
SMBUS
I2C BUS
S/W
S/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com