Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPSPIC-R680E Datasheet(PDF) 1 Page - DFI Inc

Part # RPSPIC-R680E
Description  14th/13th/12th Gen Intel® CoreTM Full Size PICMG 1.3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPSPIC-R680E Datasheet(HTML) 1 Page - DFI Inc

  RPSPIC-R680E Datasheet HTML 1Page - DFI Inc RPSPIC-R680E Datasheet HTML 2Page - DFI Inc RPSPIC-R680E Datasheet HTML 3Page - DFI Inc RPSPIC-R680E Datasheet HTML 4Page - DFI Inc RPSPIC-R680E Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB 2.0
SMBus
DIO
M.2
M Key
M.2
A Key
Intel® R680E
Chipset
LGA1700
ATX 12V
power
Front
Audio
Front
Panel
DDR5 UDIMM
USB 3.2
Gen2
COM
1~4
SATA
3.0
System
Fan1
M.2
E Key
eSPI
2.5G LAN
VGA
USB 3.2
Gen2
SATA
Power
KEY FEATURES
DDR5
2K Resolution
Triple
Displays
Multiple
Expansion
Rich I/O
2/4 DDR5 UDIMM up to
96G/192GB
Supports up to 2K reso-
lution
DVI-I(colay VGA),
2 DFI display module
1 M.2 E Key (USB/PCIe/
CNVi), 1 M.2 M Key (PCIe),
1 M.2 A Key for M2A-OOB
2 Intel 2.5GbE, 4 COM,
6 USB 3.2 Gen2,
2 USB 2.0, 6 SATA 3.0
RPSPIC-R680E
RPSPIC-H610E
RPSPIC-R680E
RPSPIC-R680E
Top View
Bottom View
2K
14th/13th/12th Gen Intel® CoreTM
Full Size PICMG 1.3


Similar Part No. - RPSPIC-R680E

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RPS NICHICON-RPS Datasheet
667Kb / 2P
Standard
logo
Ohmite Mfg. Co.
RPS OHMITE-RPS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Leadshine Technology Co...
RPS LEADSHINE-RPS Datasheet
231Kb / 5P
120/230VAC input, 24V/36V/48V/60V output
logo
KITAGAWA GmbH
RPS KGS-RPS Datasheet
790Kb / 1P
Releasable snap-mount spacer
logo
Level One
RPS-04A2 LVL1-RPS-04A2 Datasheet
535Kb / 5P
26-Port Stackable L3 Managed Gigabit Ethernet Switch, 4 x SFP/RJ45 Combo, 2 x Module Slots 10-Gigabit
More results

Similar Description - RPSPIC-R680E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB140 AXIOMTEK-SHB140_17 Datasheet
233Kb / 1P
PICMG 1.3 Full-size CPU Card with LGA1151 6th/7th Gen Intel Core
FAB100 AXIOMTEK-FAB100 Datasheet
931Kb / 1P
PICMG 1.3 SHB Express Full-size Backplanes
logo
American Portwell Techn...
ROBO-6910VG2A PORTWELL-ROBO-6910VG2A Datasheet
1Mb / 1P
Intel짰 4th Gen. CoreTM Processor based PICMG 1.3 Board Half size System Host Board
logo
DFI Inc
BP-8P4E DFI-BP-8P4E Datasheet
1,023Kb / 2P
Full Size PICMG 1.3 Backplane
PIC-H61 DFI-PIC-H61 Datasheet
688Kb / 2P
3rd/2nd Gen Intel Core Full Size PICMG 1.3
PIC-Q170 DFI-PIC-Q170 Datasheet
857Kb / 2P
7/6th Gen Intel Core Full Size PICMG 1.3
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Adlink Technology Inc.
NUPRO-E43 ADLINK-NUPRO-E43 Datasheet
267Kb / 3P
PICMG 1.3 Full-Size LGA1151
logo
Advantech Co., Ltd.
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
AAEON Technology
HPC-ADSC.HPC-RPSC AAEON-HPC-ADSC.HPC-RPSC Datasheet
530Kb / 2P
COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
2023/04/19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com