Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-RPS1031-100G Datasheet(PDF) 4 Page - DFI Inc

Part # 770-RPS1031-100G
Description  14th/13th/12th Gen Intel® CoreTM Thin Mini-ITX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

770-RPS1031-100G Datasheet(HTML) 4 Page - DFI Inc

  770-RPS1031-100G Datasheet HTML 1Page - DFI Inc 770-RPS1031-100G Datasheet HTML 2Page - DFI Inc 770-RPS1031-100G Datasheet HTML 3Page - DFI Inc 770-RPS1031-100G Datasheet HTML 4Page - DFI Inc 770-RPS1031-100G Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.dfi.com
SPECIFICATION
Model Name
RPS101/RPS103-R680E
RPS101/RPS103-Q670E
RPS101/RPS103-H610E
GRAPHICS
Display
1 x HDMI 2.0
1 x DP++ 1.2
1 x USB Type-C
1 x eDP/LVDS
1 x DFI display extension port
(DP/HDMI/VGA available)
HDMI: resolution up to 4096x2160
@ 60Hz
DP++: resolution up to 4096x2304
@ 60Hz
USB Type C: resolution up to
4096x2304 @ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
LVDS: resolution up to 1920x1200
@ 60Hz
1 x HDMI 2.0
1 x DP++ 1.2
1 x USB Type-C
1 x eDP/LVDS
1 x DFI display extension port
(DP/HDMI/VGA available)
HDMI: resolution up to 4096x2160
@ 60Hz
DP++: resolution up to 4096x2304
@ 60Hz
USB Type C: resolution up to
4096x2304 @ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
LVDS: resolution up to 1920x1200
@ 60Hz
1 x HDMI 2.0
1 x DP++ 1.2
1 x eDP/LVDS
1 x DFI display extension port
(DP/HDMI/VGA available)
HDMI: resolution up to 4096x2160
@ 60Hz
DP++: resolution up to 4096x2304
@ 60Hz
eDP: resolution up to 4096x2160
@ 60Hz
LVDS: resolution up to 1920x1200
@ 60Hz
Quad
Displays
DP++ + HDMI + LVDS/eDP + USB
Type C + DFI display extension
port (DP/HDMI/VGA available)
DP++ + HDMI + LVDS/eDP + USB
Type C + DFI display extension
port (DP/HDMI/VGA available)
DP++ + HDMI + LVDS/eDP + DFI
display extension port (DP/HDMI/
VGA available)
EXPANSION
Interface
1 x PCIe x16 (Gen 5) (Max. 75W)
1 x PCIe x16 (Gen 5) (Max. 75W)
1 x PCIe x16 (Gen 5) (Max. 75W)
M.2
1 x M.2 2230 E Key (USB 2.0x1/
CNVix1/PCIe3.0 x1)
1 x M.2 2242/3042/3052 B Key
(PCIe 3.0 x1/SATA 3.0x1/USB 3.2
Gen2x1/USB 2.0x1)
1 x M.2 2280 M Key (PCIe 4.0x4 or
SATA 3.0x1)
1 x M.2 2230 E Key (USB 2.0x1/
CNVix1/PCIe3.0 x1)
1 x M.2 2242/3042/3052 B Key
(PCIe 3.0 x1/SATA 3.0x1/USB 3.2
Gen2x1/USB 2.0x1)
1 x M.2 2280 M Key (PCIe 4.0x4 or
SATA 3.0x1)
1 x M.2 2230 E Key (USB 2.0x1/
CNVix1/PCIe3.0 x1)
1 x M.2 2242/3042/3052 B Key
(PCIe 3.0x1/SATA3.0x1/USB 3.2
Gen1x1/USB 2.0x1)
1 x M.2 2280 M Key (PCIe 3.0x1/
SATA3.0x1)
AUDIO
Audio Codec Realtek ALC888
Realtek ALC888
Realtek ALC888
ETHERNET
Controller
1 x Intel® I226-LM
(Core i9/i7/i5 support iAMT)
1 x Intel® I226-V
1 x Intel® I226-LM
(Core i9/i7/i5 support iAMT)
1 x Intel® I226-V
2 x Intel® I226-V
REAR I/O
Ethernet
2 x 2.5GbE (RJ-45)
2 x 2.5GbE (RJ-45)
2 x 2.5GbE (RJ-45)
USB
5 x USB 3.2 Gen2 Type A
1 x USB 3.2 Gen2 USB Type C
5 x USB 3.2 Gen2 Type A
1 x USB 3.2 Gen2 USB Type C
2 x USB 3.2 Gen2
1 x USB 3.2 Gen1
2 x USB 2.0
Display
1 x HDMI 2.0
1 x DP++ 1.2
1 x USB Type-C
1 x HDMI 2.0
1 x DP++ 1.2
1 x USB Type-C
1 x HDMI 2.0
1 x DP++ 1.2
INTERNAL I/O
Serial
2 x RS-232/422/485 (w/o Power)
Box header (2.0mm pitch)
2 x RS-232/422/485 (w/o Power)
Box header (2.0mm pitch)
2 x RS-232/422/485 (w/o Power)
Box header (2.0mm pitch)
USB
4 x USB 2.0 (2 2x5 2.0mm pitch
header)
4 x USB 2.0 (2 2x5 2.0mm pitch
header)
2 x USB 2.0 (1 2x5 2.0mm pitch
header)
Display
1 x eDP/LVDS
1 x DFI display extension port (DP/
HDMI/VGA available)
1 x eDP/LVDS
1 x DFI display extension port (DP/
HDMI/VGA available)
1 x eDP/LVDS
1 x DFI display extension port (DP/
HDMI/VGA available)
Audio
1 x Front Audio Header
(1 x Line-out, 1 x Mic-in)
1 x Front Audio Header
(1 x Line-out, 1 x Mic-in)
1 x Front Audio Header
(1 x Line-out, 1 x Mic-in)
SATA
2 x SATA 3.0 (up to 6Gb/s)
2 x SATA Power
RAID 0/1/5/10 (w/ M.2 Key-M/B
slot + 2 SATA Conn.)
2 x SATA 3.0 (up to 6Gb/s)
2 x SATA Power
RAID 0/1/5/10 (w/ M.2 Key-M/B
slot + 2 SATA Conn.)
2 x SATA 3.0 (up to 6Gb/s)
2 x SATA Power
RAID 0/1/5/10 (w/ M.2 Key-M/B
slot + 2 SATA Conn.)
SMBus
1 x SMBus
1 x SMBus
1 x SMBus
DIO
1 x 8-bit DIO
1 x 8-bit DIO
1 x 8-bit DIO
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
SECURITY
TPM
Nuvoton TPM 2.0
Nuvoton TPM 2.0
Nuvoton TPM 2.0
POWER
Type
RPS101: Single 12V +/-10% DC
RPS103: Wide Range 12~28V
RPS101: Single 12V +/-10% DC
RPS103: Wide Range 12~28V
RPS101: Single 12V +/-10% DC
RPS103: Wide Range 12~28V
Connector
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
DC-in Jack
Right Angle Connector (4-pin)
(available upon request)
Straight Type Connector (4-pin)
(available upon request)
Consumption Idle: i9-13900E 65W: 12V @ 8.5A
(102W)
Max: i9-13900E 65W: 12V @14.1A
(169.2W)
Idle: i9-14900E 65W: 12V @ 4.2A
(50.4W)
Max: i9-14900E 65W: 12V @ 13.8A
(165.6W)
Idle: i9-13900E 65W: 12V @ 8.5A
(102W)
Max: i9-13900E 65W: 12V @14.1A
(169.2W)
Idle: i9-14900E 65W: 12V @ 4.2A
(50.4W)
Max: i9-14900E 65W: 12V @ 13.8A
(165.6W)
Idle: i9-13900E 65W: 12V @ 8.5A
(102W)
Max: i9-13900E 65W: 12V @14.1A
(169.2W)
Idle: i9-14900E 65W: 12V @ 4.2A
(50.4W)
Max: i9-14900E 65W: 12V @ 13.8A
(165.6W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
CR2032 Coin Cell



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com