Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFC63 Datasheet(PDF) 1 Page - Seme LAB

Part # BFC63
Description  4TH GENERATION MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFC63 Datasheet(HTML) 1 Page - Seme LAB

  BFC63 Datasheet HTML 1Page - Seme LAB BFC63 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/94
BVDSS
ID(ON)
RDS(ON)
IDSS
IGSS
VGS(TH)
VDSS
ID
IDM
VGS
PD
TJ , TSTG
TL
1 2 3
3.05 (0.120)
2.54 (1.000)
10.67 (0.420)
9.65 (0.380)
5.33 (0.210)
4.83 (0.190)
4.83 (0.190)
3.56 (0.140)
1.40 (0.020)
0.51 (0.055)
3.73 (0.147)
3.53 (0.139) Dia.
1.78 (0.070)
0.99 (0.390)
1.02 (0.040)
0.38 (0.015)
2.54 (0.100)
No m.
5.08 (0.200)
No m.
0.66 (0.026)
0.41 (0.016)
2.92 (0.115)
2.03 (0.080)
2
TO220–AC Package Outline.
Dimensions in mm (inches)
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current 1
Gate – Source Voltage
Total Power Dissipation @ Tcase = 25°C
Operating and Storage Junction Temperature Range
Lead Temperature : 0.063” from Case for 10 Sec.
VGS = 0V , ID = 250µA
VDS > ID(ON) x RDS(ON) Max
VGS = 10V
VGS =10V , ID = 0.5 ID [Cont.]
VDS = VDSS
VDS = 0.8VDSS , TC = 125°C
VGS = ±30V , VDS = 0V
VDS = VGS , ID = 1.0mA
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
POWER MOSFETS
600
6.5
26
±30
125
–55 to 150
300
V
A
A
V
W
°C
Drain – Source Breakdown Voltage
On State Drain Current 2
Drain – Source On State Resistance 2
Zero Gate Voltage Drain Current
(VGS = 0V)
Gate – Source Leakage Current
Gate Threshold Voltage
600
4.7
1.30
250
1000
±100
24
V
A
Ω
µA
nA
V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Pulse Test: Pulse Width < 380
µS , Duty Cycle < 2%
STATIC ELECTRICAL RATINGS (Tcase = 25°C unless otherwise stated)
BFC63
LAB
SEME
VDSS
600V
ID(cont)
6.5A
RDS(on)
1.30
Ω
Ω
4TH GENERATION MOSFET
Pin 1 — Gate
Pin 2 — Drain
Pin 3 — Source


Similar Part No. - BFC63

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFC60 SEME-LAB-BFC60 Datasheet
17Kb / 1P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE ISOLATED POWER MOSFETS
BFC61 SEME-LAB-BFC61 Datasheet
24Kb / 2P
4TH GENERATION MOSFET
BFC62 SEME-LAB-BFC62 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
More results

Similar Description - BFC63

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML5020BN SEME-LAB-SML5020BN Datasheet
30Kb / 2P
4TH GENERATION MOSFET
BFC61 SEME-LAB-BFC61 Datasheet
24Kb / 2P
4TH GENERATION MOSFET
BFC17 SEME-LAB-BFC17 Datasheet
30Kb / 2P
4TH GENERATION MOSFET
BFC47 SEME-LAB-BFC47 Datasheet
27Kb / 2P
4TH GENERATION MOSFET
BFC62 SEME-LAB-BFC62 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
BFC10 SEME-LAB-BFC10 Datasheet
31Kb / 2P
4TH GENERATION MOSFET
BFC12 SEME-LAB-BFC12 Datasheet
31Kb / 2P
4TH GENERATION MOSFET
BFC15 SEME-LAB-BFC15 Datasheet
31Kb / 2P
4TH GENERATION MOSFET
BFC41 SEME-LAB-BFC41 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
BFC45 SEME-LAB-BFC45 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com