Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007 Datasheet(PDF) 13 Page - Texas Instruments

Part # LT1007
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LT1007 Datasheet HTML 9Page - Texas Instruments LT1007 Datasheet HTML 10Page - Texas Instruments LT1007 Datasheet HTML 11Page - Texas Instruments LT1007 Datasheet HTML 12Page - Texas Instruments LT1007 Datasheet HTML 13Page - Texas Instruments LT1007 Datasheet HTML 14Page - Texas Instruments LT1007 Datasheet HTML 15Page - Texas Instruments LT1007 Datasheet HTML 16Page - Texas Instruments LT1007 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
13
TYPICAL CHARACTERISTICS†
f = 0.01 Hz to 1 Hz
f = 1kHz
f = 10 Hz
VCC
± = ±15 V
100
80
60
40
20
t – Time – s
0
5
4
3
2
1
0
TA – Free-Air Temperature – ° C
125
100
75
50
25
0
–25
–50
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREE-AIR TEMPERATURE
EQUIVALENT INPUT NOISE VOLTAGE
OVER A 100-SECOND TIME PERIOD
Figure 21
Figure 22
TA = 25°C
VCC
± = ±15 V
10
1
0.1
100
10
1
B – Bandwidth – kHz
0.1
0.01
100
30
10
3
1000
100
10
1
f – Frequency – Hz
0.1
0.1
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
BROADBAND NOISE VOLTAGE
0.1 Hz TO INDICATED FREQUENCY
TA = 25°C
VCC = ± 15 V
Typical
Maximum
1/f Corner = 2 Hz
Figure 23
Figure 24
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com