Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007CDW Datasheet(PDF) 2 Page - Texas Instruments

Part # LT1007CDW
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007CDW Datasheet(HTML) 2 Page - Texas Instruments

  LT1007CDW Datasheet HTML 1Page - Texas Instruments LT1007CDW Datasheet HTML 2Page - Texas Instruments LT1007CDW Datasheet HTML 3Page - Texas Instruments LT1007CDW Datasheet HTML 4Page - Texas Instruments LT1007CDW Datasheet HTML 5Page - Texas Instruments LT1007CDW Datasheet HTML 6Page - Texas Instruments LT1007CDW Datasheet HTML 7Page - Texas Instruments LT1007CDW Datasheet HTML 8Page - Texas Instruments LT1007CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
schematic
TRIM
TRIM
Q29
OUT
Q28
Q30
Q27
Q26
Q25
20 pF
80 pF
C1
Q18
450 A
130 pF
IN –
IN +
Q5
Q3
Q6
Q4
Q7
Q8
Q10
Q9
Q13
Q1A
Q1B
Q2B
Q11
Q20
Q19
Q17
Q2A
Q12 Q15
Q24
Q16
Q22
Q23
C1 = 110 pF for LT1007
C1 = 12 pF for LT1037
All component values shown are nominal.
–
–
–
–
–
240
µA
120
µA
VIO
VIO
3.4 k
Ω
17 k
Ω
3.4 k
Ω
17 k
Ω
1.2 k
Ω
1.2 k
Ω
750
µA
240
µA
VCC +
VCC –
20
Ω
20
Ω
50
Ω
6 k
Ω
200
Ω
6 k
Ω
200
Ω
200
Ω
750
Ω
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com