Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1007CP Datasheet(PDF) 17 Page - Texas Instruments

Part # LT1007CP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007CP Datasheet(HTML) 17 Page - Texas Instruments

Back Button LT1007CP Datasheet HTML 13Page - Texas Instruments LT1007CP Datasheet HTML 14Page - Texas Instruments LT1007CP Datasheet HTML 15Page - Texas Instruments LT1007CP Datasheet HTML 16Page - Texas Instruments LT1007CP Datasheet HTML 17Page - Texas Instruments LT1007CP Datasheet HTML 18Page - Texas Instruments LT1007CP Datasheet HTML 19Page - Texas Instruments LT1007CP Datasheet HTML 20Page - Texas Instruments LT1007CP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
17
APPLICATION INFORMATION
4.7 k
Ω
4.7 k
Ω
4
IN –
IN +
VCC –
OUT
VCC +
1 k
Ω
10 k
Ω
VCC +
OUT
VCC –
IN +
IN –
Figure 35. Standard Adjustment
Figure 36. Improved Sensitivity
Adjustment
The circuit shown in Figure 37 can be used to measure offset voltage. In addition, with the supply voltages
increased to
± 20 V, it can be used as the burn-in configuration for the LT1007 and LT1037.
When RF ≤ 100 Ω and the input is driven with a fast large-signal pulse (> 1 V), the output waveform will be as
shown in Figure 38.
During the fast-feedthrough-like portion of the output, the input protection diodes effectively short the output to
the input and a current, limited only by the output short-circuit protection, is drawn by the signal generator. When
RF is ≥ 500 Ω, the output is capable of handling the current requirements (IL ≤ 20 mA at 10 V), the amplifier stays
in its active mode, and a smooth transition occurs.
When RF is > 2 kΩ, a pole will be created with RF and the amplifier’s input capacitance, creating additional phase
shift and reducing the phase margin. A small capacitor (20 pF to 50 pF) in parallel with RF will eliminate this
problem.
2.8 V /
µs
Output
RF
–
+
VO = 1000 VOS
50 k
Ω
100
Ω
50 k
Ω†
15 V
– 15 V
VO
† Resistors must have low thermoelectric potential
Figure 37. Test Circuit for Offset
Figure 38. Pulse Operation
Voltage and Offset Voltage Drift With
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com