Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDFM362AB Datasheet(PDF) 2 Page - Timeguard

Part # PDFM362AB
Description  2 Channel 360° Ceiling PIR Presence/Absence Detector – Flush Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

PDFM362AB Datasheet(HTML) 2 Page - Timeguard

  PDFM362AB Datasheet HTML 1Page - Timeguard PDFM362AB Datasheet HTML 2Page - Timeguard PDFM362AB Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Motion Detection (m)
Detection Angle
Voltage Free Contacts
Hole Cut-Out Size (mm)
Standby Consumption
Number Of Channels
Switch Rating
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
Accessories (Optional)
8m Diameter at 2.5m Mounting Height, 10m
Diameter at 4m Mounting Height
360°
Load II Only
68
<0.5W
2
800VA/600W LED, 2200W Incandescent, 2200W
Halogen, 1200VA/140uF Fluorescent, Load II (for
HVAC) Max 5A for 230V AC or 30V DC (Resistive),
Motor 73W
Channel 1: 30 Seconds to 30 Minutes, Channel 2:
10 Seconds to 60 Minutes. User Adjustable
10 to 2000
8m Diameter at 2.5m Mounting Height, 10m
Diameter at 4m Mounting Height
Yes (IR10AB Remote Required)
No
Up to 8 Units In Parallel
Back Entry
General
164
105
105
67
Polycarbonate
White
Cable Cover
IR10AB (Remote Control)
Data sheet
PDFM362AB
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com