Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPX1A331MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPX1A331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPX1A331MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UPX1A331MPD Datasheet HTML 1Page - Nichicon corporation UPX1A331MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PX
series
Long Life Assurance
Load life of 20000 hours at 105°C.
Adapted to the RoHS directive (2002/95/EC).
Specifications
Radial Lead Type
Item
Performance Characteristitcs
Category Temperature Range
Ð55 ~ +105ûC
10 ~ 35V
1 ~ 4700µF
± 20% (120Hz, 20ûC)
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
Rated voltage (V)
Rated voltage (V)
tan δ (MAX)
ZÐ25ûC / Z+20ûC
ZÐ40ûC / Z+20ûC
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Capacitance change
tan δ
Leakage current
After storing the capacitors under no load at 105ûC for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20¡C, they will meet the specified value for endurance characteristics listed above.
Within ±30% of initial value
300% or less of initial specified value
Initial specified value or less
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan δ
Endurance
Stability at Low Temperature
Shelf Life
Printed with white color letter on dark brown sleeve.
Marking
10
3
4
16
2
4
25
2
4
35
2
4
10
0.20
16
0.16
25
0.14
35
0.12
Measurement frequency : 120Hz
Temperature : 20ûC
Measurement frequency : 120Hz
Type numbering system (Example : 16V 220µF)
U
1
P
2
X
3
1
4
C
5
2
6
2
7
1
8
M
9
P
10
D
11
Capacitance tolerance (±20%)
Configuration
Rated Capacitance (220µF)
Rated voltage (16V)
Series name
Type
φD
P
φd
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
Impedance ratio
(MAX.)
After an application of D.C. bias voltage plus the rated ripple current for 20000 hours at 105ûC, the peak voltage shall not exceed the
rated D.C. voltage, capacitor meet the characteristic requirements listed below.
Sleeve (P.E.T.)
φd
Pressure
relief vent
15 MIN
4 MIN
L +1.5MAX.
φ D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 ~ 18
HD
Configuration
(mm)
PX
Long Life
PM
Dimension table in next page.
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UPX1A331MPD

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
UPX-ADLPCR-A10-0800 AAEON-UPX-ADLPCR-A10-0800 Datasheet
792Kb / 2P
UP Xtreme i12 developer board with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (Alder Lake-P)
2022/10/28
UPX-ADLPI3-A10-0800 AAEON-UPX-ADLPI3-A10-0800 Datasheet
792Kb / 2P
UP Xtreme i12 developer board with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (Alder Lake-P)
2022/10/28
UPX-ADLPI5-A10-1600 AAEON-UPX-ADLPI5-A10-1600 Datasheet
792Kb / 2P
UP Xtreme i12 developer board with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (Alder Lake-P)
2022/10/28
UPX-ADLPI7-A10-1600 AAEON-UPX-ADLPI7-A10-1600 Datasheet
792Kb / 2P
UP Xtreme i12 developer board with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC (Alder Lake-P)
2022/10/28
UPX-EDGE-ADLPCR-A10-0864 AAEON-UPX-EDGE-ADLPCR-A10-0864 Datasheet
473Kb / 2P
UP Xtreme i12 system with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/02/16
More results

Similar Description - UPX1A331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com