Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM342 Datasheet(PDF) 1 Page - DFI Inc

Part # WM342
Description  Wall-Mount Chassis for MicroATX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM342 Datasheet(HTML) 1 Page - DFI Inc

  WM342 Datasheet HTML 1Page - DFI Inc WM342 Datasheet HTML 2Page - DFI Inc WM342 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall-Mount Chassis for MicroATX
WM342
KEY FEATURES
PANEL
Wall Mount Chassis
Wallmount Chassis for MicroATX MB
Expansion Available
Supports up to 2 expansion slots
Diverse Storage Support
Up to 2 x 2.5" or 1 x 3.5" SATA drive bays
Compact Design for DC-in
IPC System
Optomized chassis design with FlexATX PSU
Rich I/O Expansion
Optional reserved I/O opening for
2x USB and 3x DB9 ports
Rear View
Front View
Power
Button
Power LED
(Green)
HDD LED
(Red)
Reset
Button
Expansion
Slots
motherboard
I/O ports


Similar Part No. - WM342

ManufacturerPart #DatasheetDescription
logo
DFI Inc
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
6th/7th Gen Intel Core Processor
WM342-KD331 DFI-WM342-KD331 Datasheet
488Kb / 4P
6th/7th Gen Intel Core Processor Desktop Box PC
More results

Similar Description - WM342

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-C600 ADVANTECH-AIMB-C600 Datasheet
358Kb / 1P
Economical Desktop Chassis for MicroATX Motherboard
AIMB-C600 ADVANTECH-AIMB-C600_12 Datasheet
1Mb / 2P
Cost-effective Desktop Chassis for MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_12 Datasheet
2Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130L ADVANTECH-IPC-7130L_15 Datasheet
940Kb / 2P
Desktop/Wallmount Chassis for ATX/MicroATX Motherboard
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130 ADVANTECH-IPC-7130_17 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
logo
DFI Inc
RM641 DFI-RM641 Datasheet
446Kb / 2P
Rackmount Chassis for ATX/microATX
WM343 DFI-WM343 Datasheet
931Kb / 2P
Wallmount Chassis for microATX
logo
Advantech Co., Ltd.
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com