Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPV0J331MFD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPV0J331MFD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPV0J331MFD Datasheet(HTML) 2 Page - Nichicon corporation

  UPV0J331MFD Datasheet HTML 1Page - Nichicon corporation UPV0J331MFD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
33
39
47
56
68
82
100
120
150
180
220
270
330
390
330
390
470
560
680
820
101
121
151
181
221
271
331
391
5
× 11
5
× 11
6.3
× 11...
6.3
× 11...
6.3
× 11...
...8
× 11.5
...8
× 11.5
...8
× 11.5
1.50
1.10
0.83
0.66
0.51
0.41
0.34
0.29
150
175
225
250
285
370
405
445
6.3 (0J)
Case size
φ D × L
(mm)
Impedance
(
Ω) MAX.
20°C/100kHz
Rated ripple
(mArms)
105°C/100kHz
Cap.(µF)
V(Code)
Item
Code
Dimensions
PV
series
ALUMINUM ELECTROLYTIC CAPACITORS
5
× 11
5
× 11
6.3
× 11...
6.3
× 11...
6.3
× 11...
6.3
× 11...
...8
× 11.5
...8
× 11.5
...8
× 11.5
1.40
1.10
0.94
0.75
0.60
0.49
0.41
0.34
0.27
155
175
210
235
265
290
370
405
460
10 (1A)
Case size
φ D × L
(mm)
Impedance
(
Ω) MAX.
20°C/100kHz
Rated ripple
(mArms)
105°C/100kHz
5
× 11
5
× 11
6.3
× 11...
6.3
× 11...
6.3
× 11...
6.3
× 11...
...8
× 11.5
...8
× 11.5
...8
× 11.5
1.40
1.10
0.85
0.71
0.60
0.49
0.39
0.34
0.27
155
175
220
240
265
290
375
405
460
16 (1C)
Case size
φ D × L
(mm)
Impedance
(
Ω) MAX.
20°C/100kHz
Rated ripple
(mArms)
105°C/100kHz
5
× 11
5
× 11
6.3
× 11...
6.3
× 11...
6.3
× 11...
6.3
× 11...
...8
× 11.5
...8
× 11.5
...8
× 11.5
1.40
1.10
0.94
0.75
0.61
0.51
0.41
0.34
0.27
155
175
210
235
260
285
370
405
460
25 (1E)
Case size
φ D × L
(mm)
Impedance
(
Ω) MAX.
20°C/100kHz
Rated ripple
(mArms)
105°C/100kHz
..0.47
..0.68
1...
1.5
2.2
3.3
4.7
6.8
10.....
12.....
15.....
18.....
22.....
27.....
33.....
39.....
47.....
56.....
68.....
82.....
100.......
R47
R68
010
1R5
2R2
3R3
4R7
6R8
100
120
150
180
220
270
330
390
470
560
680
820
101
35 (1V)
Case size
φ D × L
(mm)
Impedance
(
Ω) MAX.
20°C/100kHz
Rated ripple
(mArms)
105°C/100kHz
Cap.(µF)
V(Code)
Item
Code
50 (1H)
Case size
φ D × L
(mm)
Impedance
(
Ω) MAX.
20°C/100kHz
Rated ripple
(mArms)
105°C/100kHz
5
× 11
5
× 11
6.3
× 11...
6.3
× 11...
6.3
× 11...
6.3
× 11...
...8
× 11.5
...8
× 11.5
...8
× 11.5
1.30
1.00
0.83
0.70
0.58
0.48
0.41
0.32
0.27
160
180
225
245
270
295
370
415
460
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11...
6.3
× 11...
6.3
× 11...
6.3
× 11...
...8
× 11.5
...8
× 11.5
...8
× 11.5
32.0....
22.0....
15.0....
11.0....
7.00
4.60
3.10
2.50
2.00
1.70
1.30
1.10
0.91
0.74
0.60
0.50
0.42
0.35
0.28
..22
..28
..36
..45
..54
..66
..81
..91
115
125
145
155
195
215
240
260
330
360
410



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com