Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPX1C331MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPX1C331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPX1C331MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UPX1C331MHD Datasheet HTML 1Page - Nichicon corporation UPX1C331MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PX
series
Dimensions
10
´ 16
10
´ 20
12.5
´ 25
16
´ 31.5
18
´ 35.5
18
´ 40
504
672
1008
1680
2016
2184
Case size
fD
´ L
(mm)
Rated Ripple
(mArms)
105ûC / 100kHz
10 (1A)
10
´ 16
10
´ 20
12.5
´ 20
16
´ 25
18
´ 35.5
18
´ 40
504
672
1008
1344
2016
2184
Case size
fD
´ L
(mm)
Rated Ripple
(mArms)
105ûC / 100kHz
16 (1C)
V (Code)
Item
Code
Cap.
(mF)
10
´ 12.5
12.5
´ 20
12.5
´ 25
16
´ 25
16
´ 31.5
420
840
1008
1344
1680
Case size
fD
´ L
(mm)
Rated Ripple
(mArms)
105ûC / 100kHz
25 (1E)
10
´ 12.5
10
´ 12.5
10
´ 12.5
10
´ 12.5
10
´ 12.5
10
´ 12.5
10
´ 12.5
10
´ 12.5
10
´ 20
12.5
´ 25
16
´ 25
16
´ 31.5
18
´ 40
59
84
101
143
294
336
378
420
672
1008
1344
1680
2184
Case size
fD
´ L
(mm)
Rated Ripple
(mArms)
105ûC / 100kHz
35 (1V)
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
Frequency
Coefficient
120Hz
0.75
1kHz
0.8
10kHz
0.9
100kHz ~
1.0
Frequency coefficient of rated ripple current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com