Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UWT0J331MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UWT0J331MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWT0J331MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UWT0J331MCL Datasheet HTML 1Page - Nichicon corporation UWT0J331MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
1
Voltage
Capacitance
105¡C Marking
105¡C Marking
(f3~ f8 ´ 5.4 )
(f8 ´ 10, f10 ´ 10 )
Plastic platform
0.3 MAX.
L
(L±0.3)
+0.1
Ð0.2
C±0.2
H
H
Positive
Negative
1
Voltage
Capacitance
Trade mark
Lot No.
Plastic platform
0.3 MAX.
L±0.5
Pressure relief vent
1. Voltage mark for 6.3V is 6V . In case of marking for f3 units, ÒVÓ for rated
voltage is omitted.
2. In case of marking for f3 units. Lot No is expressed by a digit (month code).
3 Apply to f6.3 ´ 5.8, f6.3 ´ 7.7
C±0.2
Positive
Negative
Lot No.
2
3
U
1
W
2
T
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Package code
Size code
Capacitance tolerance (±20%)
Rated Capacitance (10µF)
Rated voltage (16V)
Series name
Type
fD
3
4~10
code
2
1
fD
3 ~ 8 (5.4L)
6.3 ~ 10 (L 5.8)
code
GB
GS
fD
3 ~ 8 (L 7.7)
8 ~ 10 (L = 10)
code
CL
NL
A
B
C
E
L
H
3 ´ 5.4
1.5
3.3
3.3
0.8
5.4
0.5 ~ 0.8
4 ´ 5.4
1.8
4.3
4.3
1.0
5.4
0.5 ~ 0.8
5 ´ 5.4
2.1
5.3
5.3
1.3
5.4
0.5 ~ 0.8
6.3 ´ 5.4
2.4
6.6
6.6
2.2
5.4
0.5 ~ 0.8
6.3 ´ 5.8
2.4
6.6
6.6
2.2
5.8
0.5 ~ 0.8
6.3 ´ 7.7
2.4
6.6
6.6
2.2
7.7
0.5 ~ 0.8
8 ´ 5.4
3.3
8.3
8.3
2.3
5.4
0.5 ~ 0.8
8 ´ 10
2.9
8.3
8.3
3.1
10
0.8 ~ 1.1
10 ´ 10
3.2
10.3
10.3
4.5
10
0.8 ~ 1.1
fD
´ L
(mm)
WT
series
Chip Type, Wide Temperature Range
Chip type operating over wide temperature range of to – 55 ~ +105°C.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
Type numbering system (Example : 16V 10µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105°C
4 ~ 50V
0.1 ~ 1500µF
±20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA) , whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 1000 hours' application of rated voltage
at 105°C, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Resistance to soldering
heat
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
Rated voltage (V)
tan
δ (MAX.)
4
0.40
6.3
0.30
10
0.24
16
0.20
25
0.16
35
0.14
50
0.14
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
4
7
15
6.3
4
8
10
3
8
16
2
4
25
2
4
35
2
3
50
2
3
WT
Capacitance
change
Leakage current
tan
δ
Within ±25% of initial value for capacitors of
φ3mm unit, and 16V or less.
Within ±20% of initial value for capacitors of 25V or more.
200% or less of initial specified value
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Dimension table in next page.
Smaller
ZT
Low
impeadance
WF
Long Life
UT
WZ
High
Temperature
Reflow
CAT.8100V


Similar Part No. - UWT0J331MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWT0J331MCL1GS NICHICON-UWT0J331MCL1GS Datasheet
673Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWT0J331MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com