Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST24 Datasheet(PDF) 1 Page - Timeguard

Part # FST24
Description  24 Hour Fused Spur Timeswitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

FST24 Datasheet(HTML) 1 Page - Timeguard

  FST24 Datasheet HTML 1Page - Timeguard FST24 Datasheet HTML 2Page - Timeguard FST24 Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Battery Type
FST24
24 Hour Fused Spur
Timeswitch
Features & Benefits
Suitable for use with up to 3kW immersion
heaters
Red LED ‘Mains ON’ and green LED ‘Output’
indicators for easy viewing
Permanent OFF and timed outputs available
Easy view 24 hour digital clock/timer display
Optional boost facility
Automatic summer/winter time changeover
Self-cancelling override
Programme advance and review options
Integral memory back up battery retains
programmes in event of power failure
Ideal for replacing single gang connection unit or
fixed appliance outlets
Double pole switch for ease of control BS1362
fuse replaceable from front
Technical Data
230V AC
50Hz
Flush Wall Box / Surface Mount Patress Box
Class II
0°C to 40°C
IP20
Digital
NiMH 1.2V 80mAh Rechargeable Battery (Non
Replaceable)
Data sheet
FST24
Time / Immersion & General Purpose Timeswitches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - FST24

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FST24 PANDUIT-FST24 Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
FST24H3 PANDUIT-FST24H3 Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
logo
Timeguard
FST24SL TIMEGUARD-FST24SL Datasheet
271Kb / 2P
Slim Line 24 Hour Time Switch
13/02/2025
More results

Similar Description - FST24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX72301 ETC-CX72301 Datasheet
165Kb / 20P
Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
logo
Holtek Semiconductor In...
HT16565 HOLTEK-HT16565 Datasheet
136Kb / 9P
24 Hour System VFD Digital Clock
February 7, 2007
logo
Molex Electronics Ltd.
0022269242 MOLEX2-0022269242 Datasheet
492Kb / 20P
2.54mm (.100) KK짰 IDT Double Cantilever Contact, 24 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
0022267242 MOLEX2-0022267242 Datasheet
492Kb / 20P
2.54mm (.100) KK짰 IDT Double Cantilever Contact, 24 Circuits, Tin (Sn), Feed-Through, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat
0022415242 MOLEX3-0022415242 Datasheet
492Kb / 20P
2.54mm (.100") KK짰 IDT Double Cantilever Contact, 24 Circuits, Tin (Sn), Feed-Through, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
0022414242 MOLEX3-0022414242 Datasheet
492Kb / 20P
2.54mm (.100") KK짰 IDT Double Cantilever Contact, 24 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_16 Datasheet
293Kb / 3P
Standard 2000 hour
logo
Holtek Semiconductor In...
HT16565 HOLTEK-HT16565_12 Datasheet
128Kb / 9P
24 Hour System VFD Digital Clock
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
logo
PHOENIX CONTACT
2316446 PHOENIX-2316446 Datasheet
78Kb / 3P
Provides current limiting short-circuit protection per spur
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com