Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST24SL Datasheet(PDF) 1 Page - Timeguard

Part # FST24SL
Description  Slim Line 24 Hour Time Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

FST24SL Datasheet(HTML) 1 Page - Timeguard

  FST24SL Datasheet HTML 1Page - Timeguard FST24SL Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Battery Type
FST24SL
Slim Line 24 Hour Time
Switch
Features & Benefits
4 ON/OFF programmes available
Red LED ‘Mains ON’ and green LED ‘Output’
indicators for easy viewing
Permanent ON/OFF and timed outputs available
Easy view 24-hour digital clock/ timer display
Optional boost facility up to 120 minutes
Automatic summer/ wintertime changeover
Self-cancelling override
Programme advance and review options
Integral memory back up battery retains
programmes in event of power failure
Ideal for controlling lighting, etc. (10mm spacer
included)
Single pole switch for ease of control BS1362
fuse replaceable from front
Technical Data
230V AC
50Hz
Flush Wall Box / Surface Mount Patress Box
Class II
0°C to 40°C
IP20
Digital
NiMH 1.2V 80mAh Rechargeable Battery (Non
Replaceable)
Data sheet
FST24SL
Time / Immersion & General Purpose Timeswitches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - FST24SL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FST24 PANDUIT-FST24 Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
logo
Timeguard
FST24 TIMEGUARD-FST24 Datasheet
411Kb / 3P
24 Hour Fused Spur Timeswitch
13/02/2025
logo
PANDUIT CORP.
FST24H3 PANDUIT-FST24H3 Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
More results

Similar Description - FST24SL

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16565 HOLTEK-HT16565 Datasheet
136Kb / 9P
24 Hour System VFD Digital Clock
February 7, 2007
logo
Hirose Electric
ITS-P-11028NW HIROSE-ITS-P-11028NW Datasheet
69Kb / 1P
Slim In-Line Connectors
logo
Switchcraft, Inc.
SL403F SWITCH-SL403F Datasheet
20Kb / 1P
SLIM-LINE CONNECTORS
logo
Holtek Semiconductor In...
HT16565 HOLTEK-HT16565_12 Datasheet
128Kb / 9P
24 Hour System VFD Digital Clock
logo
Linkage Goston Electron...
DK124 LINKAGE-DK124 Datasheet
4Mb / 7P
24 W off-line switch power supply
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-3-SC-R PUIAUDIO-AS01508AO-3-SC-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-R PUIAUDIO-AS01508AO-SC-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-WP-R PUIAUDIO-AS01508AO-SC-WP-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com