Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST77 Datasheet(PDF) 2 Page - Timeguard

Part # FST77
Description  7 Day Fused Spur Timeswitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

FST77 Datasheet(HTML) 2 Page - Timeguard

  FST77 Datasheet HTML 1Page - Timeguard FST77 Datasheet HTML 2Page - Timeguard FST77 Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Setting Type
Battery Type
Power Reserve
Back Box Minimum Depth (mm)
Program Modes
Switch Type
Standby Consumption
Number Of Channels
Switch Rating
Shortest Switching Time
Programmable Slots
Permanent ON Facility
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Protruding Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
Digital
NiMH 1.2V 80mAh Rechargeable Battery (Non
Replaceable)
672 Hours (28 Days)
25
24 Hour/7 Day, 1 Hour/2Hour Boost
Double Pole (Isolation Switch)
<0.91W
1
13A Resistive, 750W Incandescent/Halogen, 500W
Fluorescent, 200W LED, 100W CFL
1 Minute
4 ON, 4 OFF
Yes
Bottom Entry, Back Entry
General
114
85
85
43
30
Polycarbonate
White
Fittings
5012483012611
3 Years
9032890090
Data sheet
FST77
Time / Immersion & General Purpose Timeswitches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com