Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST77N Datasheet(PDF) 1 Page - Timeguard

Part # FST77N
Description  7 Day Fused Spur Timeswitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

FST77N Datasheet(HTML) 1 Page - Timeguard

  FST77N Datasheet HTML 1Page - Timeguard FST77N Datasheet HTML 2Page - Timeguard FST77N Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
FST77N
7 Day Fused Spur
Timeswitch
Features & Benefits
Up to 8 ON and OFF programmes available (5
day plus 2 or 7 day programmes) giving up to 56
ON and OFF programmes per week.
Suitable for use with up to 3kW immersion
heaters.
Red LED ‘Mains ON’ and green LED ‘Output’
indicators for easy viewing.
Permanent ON/ OFF and timed outputs available.
Easy view 24 hour digital clock/timer display.
Optional 30, 60, 90 and 120 minute boost facility.
Automatic summer/winter time changeover.
Self-cancelling override.
Programme advance and review options.
Integral memory back up battery retains
programmes in event of power failure.
Ideal for replacing single gang connection unit or
fixed appliance outlets.
Double pole isolation switch for ease of control.
BS1362 fuse replaceable from front.
Technical Data
230V AC
50Hz
Flush Wall Box / Surface Mount Patress Box
Class II
0°C to 40°C
IP20
Data sheet
FST77N
Time / Immersion & General Purpose Timeswitches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - FST77N

ManufacturerPart #DatasheetDescription
logo
Timeguard
FST77 TIMEGUARD-FST77 Datasheet
405Kb / 3P
7 Day Fused Spur Timeswitch
13/02/2025
FST77SL TIMEGUARD-FST77SL Datasheet
302Kb / 3P
Slim Line 7 Day Timeswitch
13/02/2025
More results

Similar Description - FST77N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45111 ETC2-45111 Datasheet
1Mb / 184P
14-DAY MONEY BACK GUARANTEE
logo
Pasternack Enterprises,...
PE330-12 PASTERNACK-PE330-12 Datasheet
356Kb / 5P
Same day shipment of custom lengths
logo
OSRAM GmbH
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
Day time running light
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
Day time running light
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
logo
OSRAM GmbH
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
Day time running light
LUWCN7N OSRAM-LUWCN7N Datasheet
746Kb / 23P
Day time running light
logo
PHOENIX CONTACT
2316446 PHOENIX-2316446 Datasheet
78Kb / 3P
Provides current limiting short-circuit protection per spur
2701153 PHOENIX-2701153 Datasheet
62Kb / 3P
Supports month-day-year, day-month-year, and year-month-day formats
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com