Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST77SL Datasheet(PDF) 1 Page - Timeguard

Part # FST77SL
Description  Slim Line 7 Day Timeswitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

FST77SL Datasheet(HTML) 1 Page - Timeguard

  FST77SL Datasheet HTML 1Page - Timeguard FST77SL Datasheet HTML 2Page - Timeguard FST77SL Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Battery Type
Back Box Minimum Depth (mm)
FST77SL
Slim Line 7 Day Timeswitch
Features & Benefits
8 ON/OFF programmes available
Red LED ‘Mains ON’ and green LED ‘Output’
indicators for easy viewing
Permanent ON/OFF and timed outputs available
Easy view 24-hour digital clock/ timer display
Optional boost facility up to 120 minutes
Automatic summer/ wintertime changeover
Self-cancelling override
Programme advance and review options
Integral memory back up battery retains
programmes in event of power failure
Ideal for controlling lighting, etc. (10mm spacer
included)
Single pole switch for ease of control BS1362
fuse replaceable from front
Technical Data
230V AC
50Hz
Flush Wall Box / Surface Mount Patress Box
Class II
0°C to 40°C
IP20
Digital
NiMH 1.2V 80mAh Rechargeable Battery (Non
Replaceable)
35
Data sheet
FST77SL
Time / Immersion & General Purpose Timeswitches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - FST77SL

ManufacturerPart #DatasheetDescription
logo
Timeguard
FST77 TIMEGUARD-FST77 Datasheet
405Kb / 3P
7 Day Fused Spur Timeswitch
13/02/2025
FST77N TIMEGUARD-FST77N Datasheet
414Kb / 3P
7 Day Fused Spur Timeswitch
13/02/2025
More results

Similar Description - FST77SL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ITS-P-11028NW HIROSE-ITS-P-11028NW Datasheet
69Kb / 1P
Slim In-Line Connectors
logo
Tyco Electronics
2-1393028-0 MACOM-2-1393028-0 Datasheet
274Kb / 4P
Slim Line Input/Output Modules
logo
Switchcraft, Inc.
SL403F SWITCH-SL403F Datasheet
20Kb / 1P
SLIM-LINE CONNECTORS
logo
TE Connectivity Ltd
IACM TEC-IACM Datasheet
214Kb / 2P
Slim Line AC Input Module
logo
PHOENIX CONTACT
2701153 PHOENIX-2701153 Datasheet
62Kb / 3P
Supports month-day-year, day-month-year, and year-month-day formats
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-3-SC-R PUIAUDIO-AS01508AO-3-SC-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-R PUIAUDIO-AS01508AO-SC-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-WP-R PUIAUDIO-AS01508AO-SC-WP-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com