Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTWIFITU Datasheet(PDF) 1 Page - Timeguard

Part # FSTWIFITU
Description  Wi-Fi Controlled Fused Spur (Tuya Edition)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

FSTWIFITU Datasheet(HTML) 1 Page - Timeguard

  FSTWIFITU Datasheet HTML 1Page - Timeguard FSTWIFITU Datasheet HTML 2Page - Timeguard FSTWIFITU Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
WLAN-Standard
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Setting Type
Back Box Minimum Depth (mm)
VPN Support
Program Modes
FSTWIFITU
Wi-Fi Controlled Fused Spur
(Tuya Edition)
Features & Benefits
Available for Android and IOS
Remote controlled from your phone via Wi-Fi and
a data connection
Can reduce running costs if unwanted
programmes are cancelled
Supports multiple devices
Supports multiple users
Permanent ON, Permanent OFF,
Boost/Countdown Modes
Positive ON/OFF status, with colour coded LED
indicators
Automatic summer/winter changeover
Technical Data
230V AC
50Hz
Flush Wall Box / Surface Mount Pattress Box
802.11 b/g/n 2.4GHz
Class II
0°C to 40°C
IP20
WIFI (App Based)
25
May Affect Pairing
24 Hour/7 Day, Boost/Countdown
Data sheet
FSTWIFITU
Wi-Fi / Wi-Fi Switches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - FSTWIFITU

ManufacturerPart #DatasheetDescription
logo
Timeguard
FSTWIFITUTGV TIMEGUARD-FSTWIFITUTGV Datasheet
478Kb / 3P
Wi-Fi Controlled IP66 Fused Spur (Tuya Edition)
13/02/2025
More results

Similar Description - FSTWIFITU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ISENSOR MICROCHIP-ISENSOR Datasheet
147Kb / 1P
Wi-Fi Temperature Sensor
pass
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7324 AVAGO-ACPF-7324 Datasheet
120Kb / 2P
Wi-Fi Bandpass Filter
logo
World Produts Inc.
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
Wi-Fi Embedded Antenna
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
Wi-Fi Embedded Antenna
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFPA5562 QORVO-RFPA5562 Datasheet
695Kb / 7P
Wi-Fi Power Amplifer
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
Wi-Fi Power Amplifier
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
Wi-Fi Power Amplifer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com