Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTWIFITUTGV Datasheet(PDF) 2 Page - Timeguard

Part # FSTWIFITUTGV
Description  Wi-Fi Controlled IP66 Fused Spur (Tuya Edition)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

FSTWIFITUTGV Datasheet(HTML) 2 Page - Timeguard

  FSTWIFITUTGV Datasheet HTML 1Page - Timeguard FSTWIFITUTGV Datasheet HTML 2Page - Timeguard FSTWIFITUTGV Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mounting Hole Centres (mm)
Standby Consumption
Number Of Channels
Switch Rating
Shortest Switching Time
Permanent ON Facility
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
70 Left to Right, 55 Top to Bottom
<0.5W
1
13A Resistive, 1000W Incandescent/Halogen,
500W Fluorescent, 500W LED, 100W CFL
1 Minute
Yes (App Enabled or Power Button)
Yes (Multiple Devices On App)
Back Entry, Multiple M20 Knockouts (Top, Bottom,
Left, Right
General
422
160
115
90
Polycarbonate
Grey
x2 M20 Glands, x4 Cable Seals, X4 Tapped Screws
x4 Faceplate screw caps.
5012483015636
3 Years
8536508090
Data sheet
FSTWIFITUTGV
Wi-Fi / Wi-Fi Switches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com