Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED200PIRWHP Datasheet(PDF) 2 Page - Timeguard

Part # LED200PIRWHP
Description  17W LED Compact Floodlight Twin Flood With PIRWhite
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED200PIRWHP Datasheet(HTML) 2 Page - Timeguard

  LED200PIRWHP Datasheet HTML 1Page - Timeguard LED200PIRWHP Datasheet HTML 2Page - Timeguard LED200PIRWHP Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PIR Sensitivity
Wattage
Beam Angle
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Standby Consumption
Switch Rating
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
No
17
98° x 98° (Per Head)
Pan Left 40°, Pan Right 40°
Class D
17KwH/1000H
2000
118 lm/W
4000
SMD (Integrated)
60
<0.4W
100W LED (8W>LED max 100W, 2W<LED max
20W, 2W>, 8W< LED max 80W).
10 Seconds to 30 Minutes. (2s, 20s, 2m, 5m, 10m,
15m, 30m)
5 to 500, User Adjustable
10
Yes (Pulse Manual Override)
No
Yes
Bottom Entry (Knockouts), Back Entry
General
340
160
167
50
Data sheet
LED200PIRWHP
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com