Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDMR18WHN Datasheet(PDF) 1 Page - Timeguard

Part # LEDMR18WHN
Description  18W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMR18WHN Datasheet(HTML) 1 Page - Timeguard

  LEDMR18WHN Datasheet HTML 1Page - Timeguard LEDMR18WHN Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
LEDMR18WHN
18W Slimline LED Energy
Saver IP44 Round
Wall/Ceiling Light – White
Features & Benefits
White Circular LED Fitting
IP44 Ingress Protection
Robust polycarbonate lens and housing suitable
for industrial, commercial and home installations
A powerful and energy saving alternative to
standard bulkhead lights
Technical Data
230V AC
50Hz
Surface Mount
Class II
-15°C to 45°C
IP44
18
Class G
18kWh/1000H
1500
83 lm/W
4000
SMD (On LED Plate)
Data sheet
LEDMR18WHN
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDMR18WHN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDMR18WHN3K TIMEGUARD-LEDMR18WHN3K Datasheet
294Kb / 2P
18W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
14/02/2025
More results

Similar Description - LEDMR18WHN

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SL100 LUMINIS-SL100 Datasheet
16Kb / 1P
Wall mount / Ceiling mount
SL102 LUMINIS-SL102 Datasheet
19Kb / 1P
Wall mount / Ceiling mount
logo
OptoSupply Internationa...
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
5mm Round Warm White LED
OSW5DA4131A OPTOSUPPLY-OSW5DA4131A Datasheet
99Kb / 1P
4mm Round Pure White LED
OSW5DL3131A OPTOSUPPLY-OSW5DL3131A Datasheet
99Kb / 1P
3mm Round Pure White LED
OSM5DK3131A OPTOSUPPLY-OSM5DK3131A Datasheet
105Kb / 1P
3mm Round Warm White LED
OSM5DK5111A OPTOSUPPLY-OSM5DK5111A Datasheet
105Kb / 1P
5mm Round Warm White LED
OSW5DK3131A OPTOSUPPLY-OSW5DK3131A Datasheet
105Kb / 1P
3mm Round Pure White LED
OSW5DK4131A OPTOSUPPLY-OSW5DK4131A Datasheet
105Kb / 1P
4mm Round Pure White LED
OSMH50830GP-R5MAS1C1A-D OPTOSUPPLY-OSMH50830GP-R5MAS1C1A-D Datasheet
122Kb / 4P
White LED Ribbon Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com