Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC457L0NIP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC457L0NIP
Description  High Speed and High CMR ∗OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC457L0NIP Datasheet(HTML) 2 Page - Sharp Corporation

  PC457L0NIP Datasheet HTML 1Page - Sharp Corporation PC457L0NIP Datasheet HTML 2Page - Sharp Corporation PC457L0NIP Datasheet HTML 3Page - Sharp Corporation PC457L0NIP Datasheet HTML 4Page - Sharp Corporation PC457L0NIP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC457L0NIP
Parameter
Symbol
Unit
Input
Forward voltage
VF
V
Reverse current
IR
µA
Terminal capacitance
Ct
VF
=0V, f=1MHz
IF
=0, V
CC
=5.5V, V
O
=5.5V
pF
%
%
Output
IOH (1)
µA
µA
High level supply current (1)
ICCH (1)
High level supply current (2)
ICCH (2)
nA
Transfer
charac-
teristics
tPLH
µs
tPHL
µs
Instantaneous common
mode rejection voltage
"Output : High level"
IF
=0, R
L
=1.9kΩ
VCC
=5V, V
CM
=1.0kV(p-p)
IF
=16mA, R
L
=1.9kΩ
VCC
=5V, V
CM
=1.0kV(p-p)
kV/
µs
Instantaneous common
mode rejection voltage
"Output : Low level"
CML
kV/
µs
IF
=16mA
VR
=5V
IF
=0, V
CC
=15V, V
O
=open
IF
=16mA, V
CC
=5V
RL
=1.9Ω
MIN.
−
−
−
−
−
15
−15
MAX.
10
250
50
−
−
−
1.95
0.8
0.8
Conditions
"Low
→High" propagation delay time
"High
→Low" propagation delay time
CMH
IF
=0, V
CC
=15V, V
O
=open
Current transfer ratio (1)
CTR (1)
Current transfer ratio (2)
CTR (2)
IF
=16mA, V
CC
=4.5V, V
O
=0.4V
IF
=16mA, V
CC
=4.5V, V
O
=0.4V
*6 Ta=0 to 70°C
*7 Refer to Fig.1
*8 Refer to Fig.2
*8
*7
*7
*6
*6
*6
*8
TYP.
−
60
−
500
3
−
−
1.0
50
−
µA
−
2.0
−
−
µA
−
1.0
−
0.02
1.7
19
15
−
0.6
Isolation resistance
RISO
Ω
5
×1010
−
DC
=500V, 40 to 60%RH
1
×1011
Floating capacitance
Cf
V
=0, f=1MHz
pF
−
1.0
0.6
0.2
30
−30
(Ta
=25˚C)
High level output current (1)
IF
=0, V
CC
=15V, V
O
=15V
IOH (2)
High level output current (2)
IF
=0, V
CC
=15V, V
O
=15V
IOH (3)
High level output current (3)
VOL
V
µA
Low level supply current
ICCL
−
−
0.4
−
IF
=16mA, V
CC
=4.5V, I
O
=2.4mA
IF
=16mA, V
CC
=15V, V
O
=open
−
120
Low level output voltage
s Electro-optical Characteristics
tPHL
tPLH
5V
0V
RL
CL
VOL
1.5V
IF
IF
Pulse input
Pulse width
10
µs
Duty ratio
1/10
IF
Monitor
VO
VO
VCC
100
Ω
*CL includes the probe
and wiring capacitance.
Fig.1
Test Circuit for Propagation Delay Time
Fig.2
Test Circuit for Instantaneous Common Mode Rejection Voltage
5V
2V
0.8V
RL
CL
VOL
VO
VO
VO
VCC
IF
GND
VCM
+−
SW
A
B
VCM
1.0kV
0V
CMH
CML
(IF
=0mA)
(IF
=16mA)
When SW is A
When SW is B
*CL includes the probe and wiring capacitance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com