Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP33AF Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # TIP33AF
Description  NPN POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

TIP33AF Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  TIP33AF Datasheet HTML 1Page - TRANSYS Electronics Limited TIP33AF Datasheet HTML 2Page - TRANSYS Electronics Limited TIP33AF Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN POWER TRANSISTORS
TIP33F, 33AF, 33BF, 33CF
TIP 34F,34AF, 34BF, 34CF
TO -3P
Plastic Package
DESCRIPTION
SYMBOL
33F
33AF 33BF 33CF
UNITS
34F
34AF 34BF 34CF
Base Emitter on Voltage
VBE (on) *IC=3A, VCE=4V
V
VBE (on) *IC=10A, VCE=4V
V
DC Current Gain
hFE *IC =1A, VCE =4V
IC =3A, VCE =4V
Small Signal Current Gain
l hfe l
IC =0.5A, VCE=10V,
f=1KHz
Transition frequency at f= 1MHz
fT (2)
IC=0.5A,VCE=10V
MHz
* Pulse test : Pulse width = 30
µs, duty cycle < 2%
(1) Pulse test : Pulse with = 10ms, duty cycle < 10%
(2) fT = lhfel
.f
test
<3.0
>40
>20
>20
>3.0
<1.6
B
C
E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com