Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP34CF Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # TIP34CF
Description  NPN POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

TIP34CF Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  TIP34CF Datasheet HTML 1Page - TRANSYS Electronics Limited TIP34CF Datasheet HTML 2Page - TRANSYS Electronics Limited TIP34CF Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN POWER TRANSISTORS
TIP33F, 33AF, 33BF, 33CF
TIP 34F,34AF, 34BF, 34CF
TO -3P
Plastic Package
Complementary TIP34F, 34AF, 34BF, 34CF
General Purpose Power Amplifier and Switching Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
33F
33AF 33BF 33CF
UNITS
34F
34AF 34BF 34CF
Collector -Base Voltage(open emitter)
VCBO
>40
>60
>80
>100
V
Collector -Emitter Voltage(open base)
VCEO
>40
>60
>80
>100
V
Emitter Base Voltage(open collector)
VEBO
V
Collector Current
IC
A
Collector Current (Peak Valule ) (1)
IC
A
Base Current
IB
A
Total Power Dissipation upto Tc=25º C
Ptot
W
Derate above 25ºC
W/ºC
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
33F
33AF 33BF 33CF
UNITS
34F
34AF 34BF 34CF
Collector Cut off Current
ICEO
VCE=30V, IB=0
<0.7
<0.7
m
Α
ICEO
VCE=60V, IB=0
<0.7
<0.7
m
Α
ICES
VEB=0, VCE =Rated VCEO
m
Α
Emitter Cut off Current
IEBO
VEB=5V, IC=0
mA
Breakdown Voltages
VCEO (sus)* IC=30mA, IB=0
>40
<60
<80
<100
V
VCBO
IC=1mA, IE=0
>40
<60
<80
<100
V
VEBO
IE =1mA, IC = 0
V
Saturation Voltages
VCE(sat) *IC=3A, IB=0.3A
V
IC=10A, IB=2.5A
V
<5.0
<10
<15
<3.0
<80
<0.64
<150
-55 to +150
>5.0
<1.0
<4.0
35.7
1.56
< 0.4
<1.0
B
C
E
Transys
Electronics
LI M ITE D


Similar Part No. - TIP34CF

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TIP34CF CDIL-TIP34CF Datasheet
89Kb / 2P
TO-3P Fully Isolated Plastic Package Transistor CDIL
More results

Similar Description - TIP34CF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
NPN power transistors
1998 May 29
logo
Continental Device Indi...
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
NPN POWER TRANSISTORS
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
NPN power transistors
10-Jul-2007
logo
New Jersey Semi-Conduct...
2N4115 NJSEMI-2N4115 Datasheet
143Kb / 1P
NPN POWER TRANSISTORS
2N4915 NJSEMI-2N4915 Datasheet
134Kb / 1P
NPN POWER TRANSISTORS
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
NPN POWER TRANSISTORS
DT44TD NJSEMI-DT44TD Datasheet
169Kb / 2P
NPN POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com