Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # TIP127
Description  PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

TIP127 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  TIP127 Datasheet HTML 1Page - TRANSYS Electronics Limited TIP127 Datasheet HTML 2Page - TRANSYS Electronics Limited TIP127 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLASTIC POWER TRANSISTORS
TIP120
TIP125
TIP121
TIP126
TIP122
TIP127
NPN
PNP
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DYNAMIC CHARACTERISTIC
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
Output Capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
TIP125,126,127
300
TIP120,121,122
200
SWITCHING CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
Turn on time
ton
IC=3A, RL=10Ω
0.4
IB1=IB2=12mA
Turn off time
toff
VEB (off)=5V
1.2
Small Signal Current Gain
IC=3A,VCE=4V, f=1MHz
4
UNIT
UNIT
hfe
µs
µs
pF
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com