Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP131 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # TIP131
Description  PLASTIC POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

TIP131 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  TIP131 Datasheet HTML 1Page - TRANSYS Electronics Limited TIP131 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLASTIC POWER TRANSISTORS
TIP130
TIP135
TIP131
TIP136
TIP132
TIP137
NPN
PNP
TO-220
Plastic Package
Intended for use in Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNIT
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Collector Current Peak
ICM
A
Base Current
IB
A
Power Dissipation upto Tc=25ºC
PD
W
Power Dissipation upto Ta=25ºC
PD
W
Derate above 25ºC
mW/ºC
Operating And Storage Junction
Temperature
Tj , Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient in free air
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
UNIT
Collector Cut off Current
ICEO
VCE= Half Rated VCEO
mA
Collector Cut off Current
ICBO
VCB= Rated VCBO
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
mA
Collector Emitter (sus) Voltage
*VCEO(sus)
IC=30mA, IB=0
TIP130/135
V
TIP131/136
V
TIP132/137
V
*VCE (sat)
IC=4A, IB=16mA
V
IC=6A, IB=30mA
V
Base Emitter on Voltage
*VBE(on)
IC=4A, VCE=4V
V
DC Current Gain
*hFE
IC=1A, VCE=4V
IC=4A, VCE=4V
*Pulse Test : Pulse width<300
µµs, Duty Cycle <2%
2.5
0.5
5.0
2.0
8.0
MIN
60
1.78
62.5
500
80
100
MAX
0.2
3.0
12
0.3
70
TIP132/137
100
100
TIP130/135
TIP131/136
60
80
60
80
5.0
2.0
16
1,000
Collector Emitter Saturation
Voltage
15,000
- 65 to +150
Transys
Electronics
LI M ITE D


Similar Part No. - TIP131

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP131 MOSPEC-TIP131 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Power Innovations Ltd
TIP131 POINN-TIP131 Datasheet
141Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP131 STMICROELECTRONICS-TIP131 Datasheet
41Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1995
logo
ON Semiconductor
TIP131 ONSEMI-TIP131 Datasheet
61Kb / 4P
Darlington Complementary Silicon Power Transistors
August, 2005 ??Rev. 1
logo
Inchange Semiconductor ...
TIP131 ISC-TIP131 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - TIP131

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
PLASTIC POWER TRANSISTORS
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
2N6121 CDIL-2N6121 Datasheet
269Kb / 3P
PLASTIC POWER TRANSISTORS
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
Plastic Power Transistors
August, 2006 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com