Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UZP1V100MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UZP1V100MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UZP1V100MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UZP1V100MCL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Plastic platform
Voltage
Capacitance
Voltage mark for 6.3V is 6V .
Lot No.
U
1
Z
2
P
3
1
4
C
5
1
6
0
7
0
8
M
9
C
10
L
11
1
12
G
13
B
14
Configuration
Taping code
Capacitance tolerance (
±20%)
Rated Capacitance (10
µF)
Rated voltage (16V)
Series name
Type
0.3 MAX.
4.5
+0.1
–0.2
C
±0.2
0.5 ~ 0.8
ZP
series
4.5mmL Chip Type, Bi-Polarized
Chip type with 4.5mm height.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
Type numbering system (Example : 16V 10µF)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +85°C
6.3 ~ 50V
0.1 ~ 47µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.05 CV or 10 (µA) , whichever is greater.
Black print on the case top.
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
After 2000 hours' application of rated voltage
at 85°C with the polarity inverted every 250
hours, capacitors meet the characteristic
requirements listed at right.
After storing the capacitors under no load at 85°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Resistance to soldering
heat
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature,they meet the characteristic requirements
listed at right.
ZP
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
4
8
10
3
8
16
2
4
25
2
4
35
2
3
50
2
3
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
5
6.3
6.3
28
37
45
6.3
0J
10
1A
16
1C
25
1E
35
1V
50
1H
V
Code
4
6.3
6.3
17
33
41
4
5
6.3
6.3
12
23
37
49
5
5
6.3
12
16
27
4
5
5
6.3
8.4
16
18
29
4
4
4
4
4
5
5
6.3
1.0
2.0
2.8
4.0
8.4
13
17
20
Rated Ripple (mArms) at 85°C 120Hz
φD
A
B
C
E
4
1.8
4.3
4.3
1.0
5
2.1
5.3
5.3
1.3
6.3
2.4
6.6
6.6
2.2
(mm)
Cap. (µF)
Rated voltage (V)
tan
δ (MAX.)
6.3
0.30
10
0.24
16
0.20
25
0.18
35
0.16
50
0.16
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
300% or less of initial specified value
Initial specified value or less
Rated
ripple
Frequency coefficient of rated ripple current
Coefficient
Frequency
50 Hz
120 Hz
300 Hz
1 kHz
10 kHz~
0.70
1.00
1.17
1.36
1.50
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please select WP(p.47), UN(p.77) series if high C/V
products are reqired.
Please refer to page 3 for the minimum order quantity.
Case size
φ D (mm)
ZE
Smaller
WP
Smaller
CAT.8100V


Similar Part No. - UZP1V100MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UZP1C100MCL1GB NICHICON-UZP1C100MCL1GB Datasheet
44Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UZP1V100MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com