Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2347 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2347
Description  Silicon NPN Epitaxial Planar Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2347 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2347 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2347 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2347 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2347 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2347
2003-03-19
1
TOSHIBA Transistor
Silicon NPN Epitaxial Planar Type
2SC2347
TV UHF Oscillator Applications
TV VHF Mixer Applications
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
3
V
Collector current
IC
50
mA
Emitter current
IE
-50
mA
Collector power dissipation
PC
250
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 15 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 3 V, IC = 0
¾
¾
1.0
mA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
15
¾
¾
V
DC current gain
hFE
VCE = 3 V, IC = 8 mA
20
¾
¾
Transition frequency
fT
VCE = 10 V, IC = 8 mA
650
¾
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
1.2
1.5
pF
Collector-base time constant
Cc・rbb’
VCB = 10 V, IC = 8 mA, f = 30 MHz
¾
¾
12
ps
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - 2SC2347

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347 Datasheet
187Kb / 3P
TRANSISTOR (TV UHF OSCILLATOR, TV VHF MIXER APPLICATIONS)
More results

Similar Description - 2SC2347

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com