Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K3JB012W Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # FTR-K3JB012W
Description  POWER RELAY 20A type Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTR-K3JB012W Datasheet(HTML) 2 Page - fujitsu semiconductor

  FTR-K3JB012W Datasheet HTML 1Page - fujitsu semiconductor FTR-K3JB012W Datasheet HTML 2Page - fujitsu semiconductor FTR-K3JB012W Datasheet HTML 3Page - fujitsu semiconductor FTR-K3JB012W Datasheet HTML 4Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FTR-K3 SERIES
m
e
t
I
s
e
i
r
e
S
3
K
-
R
T
F
W
)
(
B
)
J
,
A
(
3
K
-
R
T
F
t
c
a
t
n
o
C
t
n
e
m
e
g
n
a
r
r
A)
A
m
r
o
F
1
(
M
1
l
a
i
r
e
t
a
MO
n
S
g
A
2
)
l
a
i
t
i
n
i
(
e
c
n
a
t
s
i
s
e
R
)
C
D
V
6
A
1
t
a
(
m
0
0
1
)
e
v
i
t
s
i
s
e
r
(
g
n
i
t
a
RA
0
2
,
C
A
V
0
5
2
t
n
e
r
r
u
C
g
n
i
y
r
r
a
C
m
u
m
i
x
a
MA
5
2
r
e
w
o
P
g
n
i
h
c
t
i
w
S
m
u
m
i
x
a
MA
V
0
5
2
,
6
e
g
a
t
l
o
V
g
n
i
h
c
t
i
w
S
m
u
m
i
x
a
MC
A
V
0
5
2
t
n
e
r
r
u
C
g
n
i
h
c
t
i
w
S
m
u
m
i
x
a
MA
5
2
)
e
u
l
a
v
e
c
n
e
r
e
f
e
r
(
d
a
o
L
g
n
i
h
c
t
i
w
S
m
u
m
i
n
i
MC
D
V
5
,
A
m
0
0
1
li
o
C
r
e
w
o
P
l
a
n
i
m
o
NV
m
0
8
7
e
g
a
t
l
o
V
l
a
n
i
m
o
N
V
8
4
,
4
2
,
8
1
,
2
1
,
9
,
6
,
5
)
C
°
0
2
t
a
(
r
e
w
o
P
e
t
a
r
e
p
O
e
g
a
t
l
o
V
l
a
n
i
m
o
N
f
o
%
0
7
m
u
m
i
x
a
M
)
C
°
0
2
t
a
(
e
g
a
t
l
o
V
e
s
a
e
l
e
R
e
g
a
t
l
o
V
l
a
n
i
m
o
N
f
o
%
0
1
m
u
m
i
n
i
M
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
)
t
s
o
r
f
o
n
(
C
°
0
6
+
o
t
C
°
0
4
-
e
m
i
T
e
u
l
a
V
)
e
d
o
i
d
t
u
o
h
t
i
w
,
e
g
a
t
l
o
v
li
o
c
l
a
n
i
m
o
n
(
e
t
a
r
e
p
Os
m
0
2
m
u
m
i
x
a
M
)
e
d
o
i
d
t
u
o
h
t
i
w
,
e
g
a
t
l
o
v
li
o
c
l
a
n
i
m
o
n
(
e
s
a
e
l
e
Rs
m
0
2
m
u
m
i
x
a
M
n
o
i
t
a
l
u
s
n
I
e
c
n
a
t
s
i
s
e
R
C
D
V
0
0
5
t
a
,
M
0
0
0
,
1
m
u
m
i
n
i
M
c
i
r
t
c
e
l
e
i
D
h
t
g
n
e
r
t
S
s
t
c
a
t
n
o
c
n
e
p
o
n
e
e
w
t
e
b.
n
i
m
1
,
)
z
H
0
6
/
0
5
(
C
A
V
0
0
0
,
1
t
c
a
t
n
o
c
-
li
o
c
n
e
p
o
n
e
e
w
t
e
b.
n
i
m
1
,
)
z
H
0
6
/
0
5
(
,
C
A
V
0
0
0
,
5
e
g
r
u
S
h
t
g
n
e
r
t
S
m
r
o
f
e
v
a
w
d
r
a
d
n
a
t
S
s
µ
0
5
x
2
.
1V
0
0
5
,
8
e
f
i
L
l
a
c
i
n
a
h
c
e
M
0
1
x
0
2
5
0
0
0
,
8
1
(
m
u
m
i
n
i
m
s
n
o
i
t
a
r
e
p
o
)
r
h
/
s
n
o
i
t
a
r
e
p
o
l
a
c
i
r
t
c
e
l
E
0
0
2
,
1
(
e
g
a
t
l
o
v
l
a
n
i
m
o
n
t
a
d
a
o
l
e
v
i
t
s
i
s
e
r
)
r
h
/
s
n
o
i
t
a
r
e
p
o
0
1
x
1
5
m
u
m
i
n
i
m
s
n
o
i
t
a
r
e
p
o
)
r
h
/
s
n
o
i
t
a
r
e
p
o
0
0
2
,
1
(
d
a
o
l
r
o
t
o
M
y
d
a
e
t
s
;
7
.
0
=
ø
s
o
c
)
s
3
.
0
(
A
0
8
C
A
V
0
5
2
h
s
u
r
n
I
0
1
x
2
;
9
.
0
=
ø
s
o
c
A
0
2
5
m
u
m
i
n
i
m
s
n
o
i
t
a
r
e
p
o
d
a
o
l
r
e
t
r
e
v
n
I
)
F
F
O
.
c
e
S
5
,
N
O
.
c
e
s
3
(
y
d
a
e
t
s
;
)
e
u
l
a
v
t
s
e
r
c
(
A
0
0
2
C
A
V
0
0
1
h
s
u
r
n
I
0
1
x
3
;
A
0
2
4
m
u
m
i
n
i
m
s
n
o
i
t
a
r
e
p
o
r
e
h
t
O
n
o
i
t
a
r
b
i
V
e
c
n
a
t
s
i
s
e
R
)
s
m
1
n
o
i
t
c
e
t
e
d
e
u
l
a
v
.
f
e
r
(
n
o
i
t
a
r
e
p
o
s
i
M
m
m
5
.
1
f
o
e
d
u
t
il
p
m
a
e
l
b
u
o
d
z
H
5
5
o
t
0
1
)
e
u
l
a
v
.
f
e
r
(
e
c
n
a
r
u
d
n
E
m
m
5
.
1
f
o
e
d
u
t
il
p
m
a
e
l
b
u
o
d
z
H
5
5
o
t
0
1
k
c
o
h
S
e
c
n
a
t
s
i
s
e
R
)
s
m
1
n
o
i
t
c
e
t
e
d
e
u
l
a
v
.
f
e
r
(
n
o
i
t
a
r
e
p
o
s
i
Ms
/
m
0
0
2
2
)
s
m
1
±
1
1
(
)
e
u
l
a
v
.
f
e
r
(
e
c
n
a
r
u
d
n
Es
/
m
0
0
0
,
1
2
)
s
m
1
±
6
(
t
h
g
i
e
Wg
5
2
y
l
e
t
a
m
i
x
o
r
p
p
A
s SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com