Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-K3JB018W Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # FTR-K3JB018W
Description  POWER RELAY 20A type Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTR-K3JB018W Datasheet(HTML) 1 Page - fujitsu semiconductor

  FTR-K3JB018W Datasheet HTML 1Page - fujitsu semiconductor FTR-K3JB018W Datasheet HTML 2Page - fujitsu semiconductor FTR-K3JB018W Datasheet HTML 3Page - fujitsu semiconductor FTR-K3JB018W Datasheet HTML 4Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
FTR-K3 SERIES
s FEATURES
q
Heavy duty 20A power relay for compressor loads and
inverter loads.
q
High sensitivity in small package - Nominal power 780mW.
q
High insulation with reinforced insulation system (between
coil and contact).
- Clearance distance 8mm, Creepage distance 9.5mm
- Dielectric strength 5,000 VAC
- Surge strength 8,500 V
q
Plastic materials conform to UL94 flame class V-0 and
CTI>250 (UL CTI level class 2).
q
Contains no lead and features cadmium-free contacts.
q
Conforms to UL, CSA, VDE, CQC safety standards.
q
RoHS Compliant since production
Actual marking does not carry the type name : "FTR"
E.g.: Ordering code: FTR-K3JB024W
Actual marking: K3JB024W
POWER RELAY
20A type Relay
FTR-K3 Series
s ORDERING INFORMATION
FTR-K3
J
B
012
W
[Example]
(a)
(b)
(c)
(d)
(e)
s COIL DATA CHART
Note: All values in the table are measured at 20
°C.
Standard type
RoHS Compliant
L
E
D
O
M
l
a
n
i
m
o
N
e
g
a
t
l
o
Ve
g
a
t
l
o
V
e
g
a
t
l
o
V
e
g
a
t
l
o
Ve
g
a
t
l
o
V
e
c
n
a
t
s
i
s
e
R
l
i
o
C
)
%
0
1
±
(
e
t
a
r
e
p
O
t
s
u
M
e
g
a
t
l
o
Ve
g
a
t
l
o
V
e
g
a
t
l
o
V
e
g
a
t
l
o
Ve
g
a
t
l
o
V
e
s
a
e
l
e
R
t
s
u
M
e
g
a
t
l
o
Ve
g
a
t
l
o
V
e
g
a
t
l
o
V
e
g
a
t
l
o
Ve
g
a
t
l
o
V
r
e
w
o
P
l
a
n
i
m
o
N
)
%
0
1
±
(
s
e
i
r
e
S
3
K
-
R
T
F
W
5
0
0
B
)
(
3
K
-
R
T
FC
D
V
52
3C
D
V
5
.
3C
D
V
5
.
00
8
7
W
6
0
0
B
)
(
3
K
-
R
T
FC
D
V
66
4C
D
V
2
.
4C
D
V
6
.
00
8
7
W
9
0
0
B
)
(
3
K
-
R
T
FC
D
V
95
0
1C
D
V
3
.
6C
D
V
9
.
00
8
7
W
2
1
0
B
)
(
3
K
-
R
T
FC
D
V
2
15
8
1C
D
V
4
.
8C
D
V
2
.
10
8
7
W
8
1
0
B
)
(
3
K
-
R
T
FC
D
V
8
15
1
4C
D
V
6
.
2
1C
D
V
8
.
10
8
7
W
4
2
0
B
)
(
3
K
-
R
T
FC
D
V
4
20
4
7C
D
V
8
.
6
1C
D
V
4
.
20
8
7
W
8
4
0
B
)
(
3
K
-
R
T
FC
D
V
8
45
5
9
2C
D
V
6
.
3
3C
D
V
8
.
40
8
7
(a)
Series Name
FTR-K3: FTR-K3 Series
(b)
Contact Arrangement
A
: 1 form A (PCB terminal)
J
: 1 form A (TAB terminal (#250) + PCB terminal)
(c)
Coil Type
B
: Standard type (780mW)
(d)
Nominal Voltage
005
: 5 VDC,
006 : 6VDC,
009 : 9VDC
012
: 12VDC,
018 :18 VDC
024 : 24VDC
048 : 48VDC
(e)
Contact Material
W
: AgSnO2


Similar Part No. - FTR-K3JB018W

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K3JB018W FUJITSU-FTR-K3JB018W Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3JB018W-HC FUJITSU-FTR-K3JB018W-HC Datasheet
572Kb / 7P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3JB018W-LS FUJITSU-FTR-K3JB018W-LS Datasheet
572Kb / 7P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3JB018W-NIL FUJITSU-FTR-K3JB018W-NIL Datasheet
572Kb / 7P
POWER RELAY 1 POLE - 20A Heavy Load
More results

Similar Description - FTR-K3JB018W

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
20A Power Relay For Home appliances
logo
Tyco Electronics
OMIF-S-124LM MACOM-OMIF-S-124LM Datasheet
166Kb / 2P
20A Miniature Power PC Board Relay
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
RELAY POWER RELAY LARGE SIZE-TYPE RPL
RPM1CP ADAM-TECH-RPM1CP Datasheet
173Kb / 2P
RELAY POWER RELAY-TYPE RPM
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
RELAY MINIATURE POWER RELAY-TYPE RPS
logo
fujitsu semiconductor
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
POWER RELAY 1 POLE - 20A Heavy Load
logo
Tyco Electronics
OMF-S-124LM MACOM-OMF-S-124LM Datasheet
167Kb / 2P
20A Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ576 AZETTLER-AZ576 Datasheet
4Mb / 2P
20A MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com