Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM8128 Datasheet(PDF) 2 Page - MOSAIC

Part # MSM8128
Description  128K x 8 SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

MSM8128 Datasheet(HTML) 2 Page - MOSAIC

  MSM8128 Datasheet HTML 1Page - MOSAIC MSM8128 Datasheet HTML 2Page - MOSAIC MSM8128 Datasheet HTML 3Page - MOSAIC MSM8128 Datasheet HTML 4Page - MOSAIC MSM8128 Datasheet HTML 5Page - MOSAIC MSM8128 Datasheet HTML 6Page - MOSAIC MSM8128 Datasheet HTML 7Page - MOSAIC MSM8128 Datasheet HTML 8Page - MOSAIC MSM8128 Datasheet HTML 9Page - MOSAIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MSM8128 - 70/85/10/12
Issue 4.5 : April 2001
Absolute Maximum Ratings
Voltage on any pin relative to V
SS
V
T
-0.5V
to
+7.0
V
Power Dissipation
P
T
1W
Storage Temperature
T
STG
-55
to
+150
oC
Notes :
(1) Stresses above those listed may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Recommended Operating Conditions
min
typ
max
Supply Voltage
V
CC
4.5
5.0
5.5
V
Input High Voltage
V
IH
2.2
-
5.8
V
Input Low Voltage
V
IL
-0.3
-
0.8
V
Operating Temperature
T
A
0-
70
o
C
T
AI
-40
-
85
o
C (I suffix)
T
AM
-55
-
125
o
C (M, MB suffix)
DC OPERATING CONDITIONS
Capacitance (V
CC=5V±10%,TA=25
oC)
Parameter
Symbol
Test Condition
typ
max
Unit
I/P Capacitance
C
IN
V
IN=0V
-
9
pF
I/O Capacitance
C
I/O
V
I/O=0V
-
11
pF
Note: This parameter is not 100% tested.
DC Electrical Characteristics (V
CC = 5.0V±10%, TA=-55°C to +125°C)
Parameter
Symbol
Test Condition
min
typ
max Unit
Input Leakage Current
I
LI
V
IH=0V to Vcc
-2
-
2
µA
Output Leakage Current
I
l/O
CS1=V
IH, CS2 =VIL, VI/O=0V to Vcc ,OE=VIH
-2
-
2
µA
Average Supply Current
I
CC1
Min. Cycle, V
IN=VIL or VIH
-
-
110
mA
Standby Supply Current
I
SB1
CS1=V
IH,CS2 = VIL , I/P's static
--
4
mA
-L Part
I
SB2
CS1
≥≥≥≥≥V
CC-0.2V, 0.2V≥
≥≥≥≥CS2≥≥≥≥≥V
CC-0.2V , VIN ≥
≥≥≥≥0.2V
-
-
450
uA
Output Voltage
V
OL
I
OL = 2.1 mA
-
-
0.4
V
V
OH
I
OH = -1.0 mA
2.4
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com