Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2PCIE2422 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2422
Description  PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2422 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2PCIE2422 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8871C
10/03/07
PI2PCIE2422
PCI Express Gen II Compliant, 8-Differential
Channel Switch with 8:4 Mux/DeMux Option
Pin Description
Pin #
Pin Name
I/O
Description
1, 2
A0, A1
I/O
Signal I/O (typically a differential pair)
3, 4
C0, C1
I/O
Signal I/O (typically a differential pair)
5, 6
A2, A3
I/O
Signal I/O (typically a differential pair)
7, 8
C2, C3
I/O
Signal I/O (typically a differential pair)
10, 11
A4, A5
I/O
Signal I/O (typically a differential pair)
12, 13
C4, C5
I/O
Signal I/O (typically a differential pair)
14, 15
A6, A7
I/O
Signal I/O (typically a differential pair)
16, 17
C6, C7
I/O
Signal I/O (typically a differential pair)
22, 23
D7, D6
I/O
Signal I/O (typically a differential pair)
24, 25
B7, B6
I/O
Signal I/O (typically a differential pair)
26, 27
D5, D4
I/O
Signal I/O (typically a differential pair)
28,29
B5, B4
I/O
Signal I/O (typically a differential pair)
31, 32
D3, D2
I/O
Signal I/O (typically a differential pair)
33, 34
B3, B2
I/O
Signal I/O (typically a differential pair)
35, 36
D1, D0
I/O
Signal I/O (typically a differential pair)
37, 38
B1, B0
I/O
Signal I/O (typically a differential pair)
9
SEL
I
Operation mode Select
(when SEL=0: A
→B, C→D, when SEL=1: A→D, B & C=Hi-Z)
18, 20, 30, 40, 42
VCC
Pwr
1.8V positive supply voltage
19, 21, 39, 41
GND
Pwr
Power ground
07-0222



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com