Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC306C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC306C
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC306C Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC306C Datasheet HTML 1Page - Renesas Technology Corp HVC306C Datasheet HTML 2Page - Renesas Technology Corp HVC306C Datasheet HTML 3Page - Renesas Technology Corp HVC306C Datasheet HTML 4Page - Renesas Technology Corp HVC306C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC306C
Rev.2.00 Feb 08, 2005 page 3 of 4
Main Characteristic
0
1020304050
1.0
10
60
50
20
10
0
0.5
30
40
30
1.0
10
0
0.6
0.2
0.8
0.4
0.5
1.0
30
0.5
10
1.0
30
10
–12
10
–13
10
–10
10
–11
10
–7
10
–8
10
–6
10
–9
f = 1MHz
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
–2.0
–1.5
–1.0
–0.5
0.0
f = 470MHz
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Linearity factor vs. Reverse voltage
Reverse voltage VR (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com