Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD1084AD2T-R Datasheet(PDF) 20 Page - STMicroelectronics

Part # KD1084AD2T-R
Description  5A Low drop positive voltage regulator adjustable and fixed
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084AD2T-R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button KD1084AD2T-R Datasheet HTML 14Page - STMicroelectronics KD1084AD2T-R Datasheet HTML 15Page - STMicroelectronics KD1084AD2T-R Datasheet HTML 16Page - STMicroelectronics KD1084AD2T-R Datasheet HTML 17Page - STMicroelectronics KD1084AD2T-R Datasheet HTML 18Page - STMicroelectronics KD1084AD2T-R Datasheet HTML 19Page - STMicroelectronics KD1084AD2T-R Datasheet HTML 20Page - STMicroelectronics KD1084AD2T-R Datasheet HTML 21Page - STMicroelectronics KD1084AD2T-R Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Order codes
KD1084 series
20/22
7
Order codes
Table 11.
Order codes
Part numbers
TO-220
D2PAK
DPAK
Output voltage
Tolerance
KD1084DT18R
1.8 V
2%
KD1084AD2T18R
KD1084ADT18R
1.8 V
1%
KD1084D2T25R
KD1084DT25R
2.5 V
2%
KD1084ADT25R
2.5 V
1%
KD1084DT33R
3.3 V
2%
KD1084AV33
KD1084ADT33R
3.3 V
1%
KD1084DT-R
ADJ
2%
KD1084AD2T-R
KD1084ADT-R
ADJ
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com