Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD3530R Datasheet(PDF) 4 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 4 Page - Analog Devices

  AD3530R Datasheet HTML 1Page - Analog Devices AD3530R Datasheet HTML 2Page - Analog Devices AD3530R Datasheet HTML 3Page - Analog Devices AD3530R Datasheet HTML 4Page - Analog Devices AD3530R Datasheet HTML 5Page - Analog Devices AD3530R Datasheet HTML 6Page - Analog Devices AD3530R Datasheet HTML 7Page - Analog Devices AD3530R Datasheet HTML 8Page - Analog Devices AD3530R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Data Sheet
AD3530/AD3530R
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 45
Table 2. Electrical Characteristics (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUT
Reference Input Current
375
µA
VREF = VDD= 5.5V and range = 0 to VREF
750
µA
VREF = VDD = 5.5V and range = 0 to 2 × VREF
Reference Input Range
1
VDD
V
Range = 0 to VREF
1
VDD/2
V
Range = 0 to 2 × VREF
Reference Input Impedance
15.0
kΩ
Range = 0 to VREF
7.5
kΩ
Range = 0 to 2 × VREF
REFERENCE OUTPUT
Output voltage (VOUT)
2.4975
2.5025
V
TJ = 25°C
Voltage Reference Temperature Coefficient (TC)3
5
15
ppm/°C
WLCSP
5
10
ppm/°C
WLCSP; TJ = 25°C to +125°C
Output Impedance
0.06
Ω
Output Voltage Noise
25
µV p-p
0.1Hz to 10Hz
Output Voltage Noise Density
96
nV/√Hz
At TA, f = 10kHz, CL = 10nF, and range = 0 to VREF or 0 to
2× VREF
Maximum Capacitive Load
0.5
nF
Load Regulation Sourcing
60
µV/mA
At ambient temperature
Output Current Load Capability
5
mA
Sourcing
100
µA
Sinking
Line Regulation
10
µV/V
At ambient temperature
Long-Term Stability Drift
55
ppm
After 1000 hours at 25°C
Thermal Hysteresis
125
ppm
First cycle
25
ppm
Additional cycles
INTEGRATED MULTIPLEXER
Buffer Output Current
±10
mA
Buffer Output Impedance
0.9
Ω
Buffer Offset
10
mV
Maximum Capacitive Load
470
pF
Multiplexer (Mux) Switching Glitch4
0.5
mV
LOGIC INPUTS
Input Current
±1
μA
Per pin
Input Low Voltage (VIL)
0.3 × IOVDD
V
Input High Voltage (VIH)
0.7 ×
IOVDD
V
Input Capacitance
2
pF
LOGIC OUTPUT (SDO)
Output Low Voltage (VOL)
0.4
V
Sink current (ISINK) = 200μA
Output High Voltage (VOH)
IOVDD −
0.4
V
Source current (ISOURCE) = 200μA
Floating State Output Capacitance
2
pF
POWER REQUIREMENTS
IOVDD
1.08
1.98
V
IOVDD Pin Current (IIOVDD)
16
μA
VDD
2.7
5.5
V
Range = 0 to VREF
VREF +
1.5
5.5
V
Range = 0 to 2 × VREF
VDD Current (IVDD)
VIH = VDD, VIL = GND, and VDD = 2.7V to 5.5V
Normal Operation5
2.8
3.4
mA
External reference
3.85
4.3
mA
Internal reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com