Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPRO100WH Datasheet(PDF) 1 Page - Timeguard

Part # LEDPRO100WH
Description  100W LED Professional Rewireable Floodlight - White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPRO100WH Datasheet(HTML) 1 Page - Timeguard

  LEDPRO100WH Datasheet HTML 1Page - Timeguard LEDPRO100WH Datasheet HTML 2Page - Timeguard LEDPRO100WH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
LEDPRO100WH
100W LED Professional
Rewireable Floodlight - White
Features & Benefits
100W LED Floodlight White
12,000 lumens of cool white light (colour temp
4000k)
Fully polycarbonate front lens for enhanced light
control, ideal for food preparation areas and grain
stores
Plug & Play PIR or Photocell option with linkable
control (optional extra)
Easy install bracket – enables floodlight fixing
screws to be pre-fitted
Durable powder coated finish
IP65 weatherproof rating
Adjustable mounting bracket with hook feature to
enable easy assembly
Driverless ACLED technology
Rewireable with easy access screw terminals with
link terminal for common accessories control
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-20°C to 40°C
IP65
100
113° x 114°
Data sheet
LEDPRO100WH
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDPRO100WH

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPRO100B TIMEGUARD-LEDPRO100B Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - Black
14/02/2025
More results

Similar Description - LEDPRO100WH

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
520-301-21 MARL-520-301-21 Datasheet
314Kb / 3P
PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
612-301-21 MARL-612-301-21 Datasheet
336Kb / 3P
PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-99 MARL-672-290-99 Datasheet
172Kb / 2P
PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
logo
Molex Electronics Ltd.
130112-0132 MOLEX11-130112-0132 Datasheet
31Kb / 1P
In-line Replacement Transformer for 60W Floodlight and 100W Spotlight
logo
OSRAM GmbH
PLPT5447KA OSRAM-PLPT5447KA Datasheet
1,023Kb / 13P
Projection Professional LED & Laser
PLPT5450KA OSRAM-PLPT5450KA Datasheet
1,011Kb / 13P
Projection Professional LED & Laser
PLPT9450LA_E OSRAM-PLPT9450LA_E Datasheet
984Kb / 13P
Projection Professional LED & Laser
PLPT9450LB_E OSRAM-PLPT9450LB_E Datasheet
893Kb / 15P
Projection Professional LED & Laser
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com