Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPRO10B Datasheet(PDF) 1 Page - Timeguard

Part # LEDPRO10B
Description  10W LED Professional Rewireable Floodlight - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPRO10B Datasheet(HTML) 1 Page - Timeguard

  LEDPRO10B Datasheet HTML 1Page - Timeguard LEDPRO10B Datasheet HTML 2Page - Timeguard LEDPRO10B Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
LEDPRO10B
10W LED Professional
Rewireable Floodlight - Black
Features & Benefits
Fully polycarbonate front lens for enhanced light
control, ideal for food preparation areas and grain
stores
Plug & Play PIR or Photocell option with linkable
control (optional extra)
Easy install bracket – enables floodlight fixing
screws to be pre-fitted
Durable powder coated finish
IP65 weatherproof rating
Adjustable mounting bracket with hook feature to
enable easy assembly
Driverless ACLED technology
Rewireable with easy access screw terminals with
link terminal for common accessories control
Installer friendly captive terminal cover screws 2x
PG11 glands supplied, suitable for 1.5mm twin
and earth flat cable
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-20°C to 40°C
IP65
10
113° x 108°
Data sheet
LEDPRO10B
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDPRO10B

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPRO100B TIMEGUARD-LEDPRO100B Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO100WH TIMEGUARD-LEDPRO100WH Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO10WH TIMEGUARD-LEDPRO10WH Datasheet
837Kb / 3P
10W LED Professional Rewireable Floodlight - White
14/02/2025
More results

Similar Description - LEDPRO10B

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
520-301-21 MARL-520-301-21 Datasheet
314Kb / 3P
PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
612-301-21 MARL-612-301-21 Datasheet
336Kb / 3P
PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
logo
OSRAM GmbH
PLPT5447KA OSRAM-PLPT5447KA Datasheet
1,023Kb / 13P
Projection Professional LED & Laser
PLPT5450KA OSRAM-PLPT5450KA Datasheet
1,011Kb / 13P
Projection Professional LED & Laser
PLPT9450LA_E OSRAM-PLPT9450LA_E Datasheet
984Kb / 13P
Projection Professional LED & Laser
PLPT9450LB_E OSRAM-PLPT9450LB_E Datasheet
893Kb / 15P
Projection Professional LED & Laser
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com