Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPRO10WH Datasheet(PDF) 1 Page - Timeguard

Part # LEDPRO10WH
Description  10W LED Professional Rewireable Floodlight - White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPRO10WH Datasheet(HTML) 1 Page - Timeguard

  LEDPRO10WH Datasheet HTML 1Page - Timeguard LEDPRO10WH Datasheet HTML 2Page - Timeguard LEDPRO10WH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
LEDPRO10WH
10W LED Professional
Rewireable Floodlight - White
Features & Benefits
10W LED Floodlight White
Fully polycarbonate front lens for enhanced light
control, ideal for food preparation areas and grain
stores
Plug & Play PIR or Photocell option with linkable
control (optional extra)
Easy install bracket – enables floodlight fixing
screws to be pre-fitted
Durable powder coated finish
IP65 weatherproof rating
Adjustable mounting bracket with hook feature to
enable easy assembly
Driverless ACLED technology
Rewireable with easy access screw terminals with
link terminal for common accessories control
Installer friendly captive terminal cover screws 2x
PG11 glands supplied, suitable for 1.5mm twin
and earth flat cable
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-20°C to 40°C
IP65
10
Data sheet
LEDPRO10WH
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDPRO10WH

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPRO100B TIMEGUARD-LEDPRO100B Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO100WH TIMEGUARD-LEDPRO100WH Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO10B TIMEGUARD-LEDPRO10B Datasheet
842Kb / 3P
10W LED Professional Rewireable Floodlight - Black
14/02/2025
More results

Similar Description - LEDPRO10WH

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
logo
Elite Enterprises (H.K....
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
10W White/ Warm White Power LED
logo
OSRAM GmbH
PLPT5447KA OSRAM-PLPT5447KA Datasheet
1,023Kb / 13P
Projection Professional LED & Laser
PLPT5450KA OSRAM-PLPT5450KA Datasheet
1,011Kb / 13P
Projection Professional LED & Laser
PLPT9450LA_E OSRAM-PLPT9450LA_E Datasheet
984Kb / 13P
Projection Professional LED & Laser
PLPT9450LB_E OSRAM-PLPT9450LB_E Datasheet
893Kb / 15P
Projection Professional LED & Laser
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com