Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPRO20WH Datasheet(PDF) 2 Page - Timeguard

Part # LEDPRO20WH
Description  20W LED Professional Rewireable Floodlight - White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPRO20WH Datasheet(HTML) 2 Page - Timeguard

  LEDPRO20WH Datasheet HTML 1Page - Timeguard LEDPRO20WH Datasheet HTML 2Page - Timeguard LEDPRO20WH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Multiple Unit Support
Cable Capacity (mm2)
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
Accessories (Optional)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
360° (Tilt)
Class F
20kWh/1000H
2350
118 lm/W
4000
SMD (Integrated)
147
Yes
1.5mm² (Twin & Earth Cable)
Back Entry
General
553
145
200
63
Polycarbonate (Body) Aluminium (Bracket)
White
Fittings (Rawl Plugs, Grommits, Screws)
LEDPROCAM, LEDPROPCB, LEDPROPCWH,
LEDPROSLB, LEDPROSLWH, LEDPRORFKB,
LEDPRORFKWH, LEDPROFOB
5012483013809
3 Years
9405114090
Data sheet
LEDPRO20WH
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com