Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPROPCB Datasheet(PDF) 1 Page - Timeguard

Part # LEDPROPCB
Description  Dedicated Photocell for LEDPRO Floodlights - Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPROPCB Datasheet(HTML) 1 Page - Timeguard

  LEDPROPCB Datasheet HTML 1Page - Timeguard LEDPROPCB Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Ingress Protection Rating
Setting Type
Pan & Tilt Adjustment
Standby Consumption
Switch Rating
ON Time Adjustment
LUX Level
LEDPROPCB
Dedicated Photocell for
LEDPRO Floodlights - Black
Features & Benefits
Dedicated Photocell for use with Timeguard
LEDPRO Floodlights
Fits ALL Timeguard LEDPRO floodlights
Installer friendly captive terminal cover screws
Simply replaces the terminal cover and plugs in to
the LEDPRO floodlight – no extra cabling
necessary
Timed on duration or continuous Dusk to Dawn
(adjustable)
Adjustable Lux setting
Technical Data
230V AC
50Hz
Plug-in (LEDPRO Module)
Class I
IP55
Dial
None
<0.5W
140W LED, 1000W Halogen, 200W CFL, 500W
Fluorescent Tube w/o PF Correction
2, 4, 6, 8 Hours or Dusk Till Dawn
2 to 1000
Data sheet
LEDPROPCB
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDPROPCB

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPROPCWH TIMEGUARD-LEDPROPCWH Datasheet
2Mb / 2P
Dedicated Photocell for LEDPRO Floodlights - White
14/02/2025
More results

Similar Description - LEDPROPCB

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
NSL-21UV401 SILONEX-NSL-21UV401 Datasheet
26Kb / 1P
UV Photocell
logo
NXP Semiconductors
3538 PHILIPS-3538 Datasheet
209Kb / 10P
GASFILLED PHOTOCELL
26.8.1948
logo
Luna Innovations Incorp...
NSL-4132 LUNA-NSL-4132 Datasheet
76Kb / 2P
Ceramic Package Photocell
NSL-4142 LUNA-NSL-4142 Datasheet
72Kb / 2P
Ceramic Package Photocell
NSL-4172 LUNA-NSL-4172 Datasheet
72Kb / 2P
Ceramic Package Photocell
NSL4512 LUNA-NSL4512 Datasheet
73Kb / 2P
Ceramic Photocell
NSL5162 LUNA-NSL5162 Datasheet
97Kb / 2P
Ceramic Package Photocell
NSL-5532 LUNA-NSL-5532 Datasheet
97Kb / 2P
Hermetic Photocell
NSL5542 LUNA-NSL5542 Datasheet
77Kb / 2P
Ceramic Package Photocell
NSL-5922 LUNA-NSL-5922 Datasheet
75Kb / 2P
Ceramic Photocell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com