Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPRORFKWH Datasheet(PDF) 2 Page - Timeguard

Part # LEDPRORFKWH
Description  Dedicated LEDPRO RF Remote Kit for LEDPRO Range - White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPRORFKWH Datasheet(HTML) 2 Page - Timeguard

  LEDPRORFKWH Datasheet HTML 1Page - Timeguard LEDPRORFKWH Datasheet HTML 2Page - Timeguard LEDPRORFKWH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RF Frequency
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Pan & Tilt Adjustment
Push Buttons
Standby Consumption
Switch Rating
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
EAN Number
Guarantee Period
Trade Tariff Commodity Code
433MHz to 434MHz
2.5
12
180°
Pan Left 90°, Pan Right 90°. Tilt Down 150°
RF Pairing Button
<0.5W
140W LED, 1000W Halogen, 200W CFL, 500W
Fluorescent Tube w/o PF Correction
3 Seconds to 18 Minutes
2 to 1000
12
Yes (Pulse Override)
Yes
Back Entry
General
150
114
78
127
Polycarbonate
White
5012483014745
3 Years
8536508090
Data sheet
LEDPRORFKWH
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com